Electronic Components Datasheet Search
  English  ▼

X  

DEP1016 Datasheet(PDF) 1 Page - Sumida Corporation

Part # DEP1016
Description  Power Inductor< Pin Type: DEP Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

DEP1016 Datasheet(HTML) 1 Page - Sumida Corporation

  DEP1016 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductor< Pin Type: DEP Series>
Type: DEP1016
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆
Product Description
・
14.5×10.1mm Max.(L×W), 16.0mm Max. Height.
・
Reference inductance: 5.0~33μH
・
Rated current range:5.8~14.1A
・
Custom design is available.
◆
Feature
・
Mn-Zn core used, high DC saturation current, high efficiency, low heat generation.
・
L.P.F coils for Digital Amplifier in car audio, home theater and large LCD etc.
・
Single channel.
・
RoHS Compliance
◆
Dimensions (mm)
“T” and “W” dimension
.
◆
Specification
Part Name
Stamp
Inductance
1kHz/1V
D.C.R.
( mΩ)Max.
(at 20℃)
Saturation
Current
(A) ※1
Temperature
Rise Current
(A) ※2
DEP1016NP-5R0PB
5R0
5.0μH±25%
5.1
18.2
14.1
DEP1016NP-100PB
100
10.0μH±25%
9.1
13.4
11.5
DEP1016NP-150PB
150
15.0μH±25%
9.1
8.7
11.5
DEP1016NP-180PB
180
18.0μH±25%
10.1
7.9
9.8
DEP1016NP-220PB
220
22.0μH±25%
11.4
7.2
8.5
DEP1016NP-270PB
270
27.0μH±25%
13.8
6.6
7.5
DEP1016NP-330PB
330
33.0μH±25%
15.0
5.8
7.3
※
1. Saturation Current: The DC current at which the inductance decreases to 75% of the nominal value.
(Ta=20℃).
※
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
No.
L(μH)
T(mm)
W(mm)
1
5.0
0.60ref.
1.75ref.
2
10.0
0.50ref.
1.75ref.
3
15.0
0.50ref.
1.75ref.
4
18.0
0.45ref.
1.75ref.
5
22.0
0.45ref.
1.75ref.
6
27.0
0.40ref.
1.75ref.
7
33.0
0.35ref.
1.75ref.
10.1 Max.
16.0 Max.
5.0±1.0
5.3±0.5
1.0 Max.
T


Similar Part No. - DEP1016

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
DEP1016NP-100PB SUMIDA-DEP1016NP-100PB Datasheet
145Kb / 2P
PIN Power Inductor
DEP1016NP-150PB SUMIDA-DEP1016NP-150PB Datasheet
145Kb / 2P
PIN Power Inductor
DEP1016NP-180PB SUMIDA-DEP1016NP-180PB Datasheet
145Kb / 2P
PIN Power Inductor
DEP1016NP-220PB SUMIDA-DEP1016NP-220PB Datasheet
145Kb / 2P
PIN Power Inductor
DEP1016NP-270PB SUMIDA-DEP1016NP-270PB Datasheet
145Kb / 2P
PIN Power Inductor
More results

Similar Description - DEP1016

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
DEPI1615 SUMIDA-DEPI1615 Datasheet
97Kb / 2P
Power Inductor< Pin Type: DEPI Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
RCH109 SUMIDA-RCH109 Datasheet
70Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH-106 SUMIDA-RCH-106 Datasheet
75Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-664 SUMIDA-RCH-664 Datasheet
167Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-875 SUMIDA-RCH-875 Datasheet
181Kb / 3P
Power Inductor< Pin Type: RCH Series>
DEP129ME SUMIDA-DEP129ME Datasheet
167Kb / 1P
Power Inductor< Pin Type: DEP Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com