Electronic Components Datasheet Search
  English  ▼

X  

C0G Datasheet(PDF) 1 Page - Multicomp Pro

Part # C0G
Description  Radial Leaded, Multilayer Ceramic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

C0G Datasheet(HTML) 1 Page - Multicomp Pro

  C0G Datasheet HTML 1Page - Multicomp Pro C0G Datasheet HTML 2Page - Multicomp Pro C0G Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
13/04/20
Radial Leaded,
Multilayer Ceramic Capacitors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Item
NP0 / C0G
X7R
Z5U
Y5V
Dielectric Type
Stable Class I Dielectric
Stable Class II Dielectric
Electrical Properties
With negligible depend-
ence of electrical proper-
ties on temperature,
voltage, frequency and
time.
With negligible change of
properties with temperature,
voltage. Frequency and
time, this dielectric is
ferroelectric and offers
higher capacitance ranges
than class I
With higher dielectric constant and greater
variation of properties with temperature
and test conditions, very high capacitance
per unit volume and suited for bypass and
coupling application as well as
filtering, transient suppression blocking,
and charge storage application.
Application
Used in circuits requiring
stable performance, such
as temperature compen-
sation circuits and smite
circuits.
Used as blocking, coupling,
By-Passing frequency and
discrimination elements.
Suited for By-passing and coupling
application such as store power and
memory circuit.
Operating
Temperature
-55°C to +125°C
+10°C to +85°C
-30°C to +85°C
Temperature
Coefficient
0±30ppm/°C
±15%
+22% to -56%
+22% to -82%
Inspection Norm
Capacitance
(C)
Test Frequency:
=1000pF=1MHz
>1000pF=1kHz
Test Frequency: 1kHz
Test Voltage:
1 ±0.2Vrms
Test Voltage:
0.5 ±0.1Vrms
Test Voltage:
1 ±0.2Vrms
In the tolerance:
C=±0.25pF
D=±0.5pF
J=±5pF
In the tolerance:
J=±5pF
K=±10pF
M=±20pF
In the tolerance:
M=±20%
Z=+80% / -20%
Dissipation Factor
(DF)
Test Frequency:
=1000pF=1MHz
>1000pF=1kHz
Test Frequency: 1kHz
Test Voltage:
1 ±0.2Vrms
Test Voltage:
0.5 ±0.1Vrms
Test Voltage:
1 ±0.2Vrms
<0.1%
100V, 50V is <2.5%
25V, 16V is <3.5%
4%
100V, 50V is <5%
25V, 16V is <7%
Insulation Resistance
Ir
Test Voltage: Rated Voltage
Whichever is less: =100GΩ or =1000MΩ×µf
Whichever is less: =10GΩ or =100MΩ×µf
Voltage (TV)
2.5 × Rated Voltage


Similar Part No. - C0G

ManufacturerPart #DatasheetDescription
logo
EPCOS
C0G EPCOS-C0G Datasheet
235Kb / 21P
Multilayer Ceramic Capacitors
logo
Murata Manufacturing Co...
C0G MURATA-C0G Datasheet
4Mb / 237P
Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
AVX Corporation
C0G AVX-C0G Datasheet
624Kb / 4P
C0G (NP0) Dielectric
logo
Kyocera Kinseki Corpota...
C0GNP0-KGM KSS-C0GNP0-KGM Datasheet
781Kb / 4P
C0G (NP0) Dielectric, KGM Series
More results

Similar Description - C0G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
Radial Leaded Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com