Electronic Components Datasheet Search
  English  ▼

X  

INA600E Datasheet(PDF) 11 Page - Texas Instruments

Part # INA600E
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600E Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA600E Datasheet HTML 7Page - Texas Instruments INA600E Datasheet HTML 8Page - Texas Instruments INA600E Datasheet HTML 9Page - Texas Instruments INA600E Datasheet HTML 10Page - Texas Instruments INA600E Datasheet HTML 11Page - Texas Instruments INA600E Datasheet HTML 12Page - Texas Instruments INA600E Datasheet HTML 13Page - Texas Instruments INA600E Datasheet HTML 14Page - Texas Instruments INA600E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V), VIN = (VIN+ – VIN–) = 0V, RL = 10kΩ, VREF = VS / 2, VCM =
(VIN+ + VIN–) / 2 = VS / 2, VOUT = VS / 2, and G = 1/5 (unless otherwise noted)
Output Offset Voltage (mV)
0
4
8
12
16
20
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3
G = 1/10 V/V
Vs = 1.35V
N = 580
Mean = 0.116 mV
Std. Dev. = 452.89 V
Figure 6-7. Typical Distribution of Output-Referred Offset
(INA600B, VS = ±1.35V)
Output Offset Voltage (mV)
0
4
8
12
16
20
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3
G = 1/10 V/V
Vs = 20V
N = 580
Mean = 0.121 mV
Std. Dev. = 453.56 V
Figure 6-8. Typical Distribution of Output-Referred Offset
Voltage (INA600B, VS = ±20V)
Output Offset Voltage Drift (
V/C)
0
5
10
15
20
25
30
35
40
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
G = 1/10 V/V
Vs = 20 V
N = 12
Mean = -0.11
V/C
Std. Dev. = 0.81
V/C
Figure 6-9. Typical Distribution of Output Offset Voltage Drift
(INA600B)
Gain Error (%)
0
12
24
36
48
60
-0.1
-0.075 -0.05 -0.025
0
0.025
0.05
0.075
0.1
G = 1/10 V/V
Vs = 20V
N = 550
Mean = -0.00628 %
Std. Dev. = 0.00125 %
Figure 6-10. Typical Distribution of Gain Error (INA600B)
Output referred Power Supply Rejection Ratio ( V/V)
0
12
24
36
48
60
-25
-20
-15
-10
-5
0
5
10
15
20
25
G = 1/10 V/V
Vs = 1.35V to 20V
N = 580
Mean = 0.0721 V/V
Std. Dev. = 0.604 V/V
Figure 6-11. Typical Distribution of PSRR (INA600B)
Output Referred Common-Mode Rejection Ratio (
V/V)
0
4
8
12
16
20
-12.5 -10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
G = 1/10 V/V
Vs = 20 V
N = 555
Mean = -0.059
V/V
Std. Dev. = 2.4
V/V
Figure 6-12. Typical Distribution of CMRR (INA600B)
www.ti.com
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com