Electronic Components Datasheet Search
  English  ▼

X  

INA600FIDBVR Datasheet(PDF) 23 Page - Texas Instruments

Part # INA600FIDBVR
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600FIDBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA600FIDBVR Datasheet HTML 19Page - Texas Instruments INA600FIDBVR Datasheet HTML 20Page - Texas Instruments INA600FIDBVR Datasheet HTML 21Page - Texas Instruments INA600FIDBVR Datasheet HTML 22Page - Texas Instruments INA600FIDBVR Datasheet HTML 23Page - Texas Instruments INA600FIDBVR Datasheet HTML 24Page - Texas Instruments INA600FIDBVR Datasheet HTML 25Page - Texas Instruments INA600FIDBVR Datasheet HTML 26Page - Texas Instruments INA600FIDBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 7-4. Ideal Gaussian Distribution
Depending on the specification, values listed in the typical column of the Electrical Characteristics table are
represented in different ways. Generally, if a specification naturally has a nonzero mean (for example, gain
bandwidth), then the typical value is equal to the mean (µ). Some specifications (such as offset voltage) have
a mean near zero. In this case, the typical value equals the mean plus one standard deviation (µ + σ) to most
accurately represent the typical value.
Use this chart to calculate the approximate probability of a specification in a unit. For example, the INA600A
typical offset voltage is 1100µV. Thus, 68.2% of all INA600A devices are expected to have an offset from
–1100µV to +1100µV. At 4σ (±4400µV), 99.9937% of the distribution has an offset voltage less than ±4400µV.
Therefore, 0.0063% of the population is outside of these limits, which corresponds to approximately 1 in 15,873
units.
Specifications with a value in the minimum or maximum column are verified by TI, and units outside these limits
are removed from production material. For example, the INA600A family has a maximum gain error of ±0.05%
at 25°C. Even though this error corresponds to 5σ, TI verifies that any units with gain error larger than ±0.05%
are removed from production material. This error equals approximately 1 in 3.5 million units, which is extremely
unlikely.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guard band for the application. Design worst-case conditions using this value. A 6σ value corresponds
to approximately 1 in 500 million units, which is extremely unlikely. This 6σ value is an option as a wide guard
band for designing a system around. Histograms for some of the important specifications (such as offset, offset
drift, CMRR, and gain error) are shown in the Typical Characteristics section.
For gain error drift, the INA600 family does not specify a maximum value based on final test. Instead, this value
is based on characterization, as mentioned in the Electrical Characteristics table. The corresponding distribution
mentioned in Figure 6-4 has a mean of –0.00216% and sigma of 0.0047%. Thus, the mean plus 6σ value for
gain error is calculated to be approximately 0.025%. When designing for system conditions with 6σ guard band,
use this method and value to estimate the worst possible gain error. However, process variation and adjustments
over time potentially shift typical means and standard deviations. Unless there is a value in the minimum or
maximum specification column that is specified based on final test, TI cannot verify device performance.
www.ti.com
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com