Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT.B Datasheet(PDF) 21 Page - Texas Instruments

Part # HD3SS3220RNHT.B
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button HD3SS3220RNHT.B Datasheet HTML 17Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 18Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 19Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 20Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 21Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 22Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 23Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 24Page - Texas Instruments HD3SS3220RNHT.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
6.6 Register Maps
Table 6-6. CSR Registers
OFFSET
RESET
REGISTER NAME
SECTION
0x07 through 0x00
[0x00, 0x54, 0x55, 0x53, 0x42,
0x33, 0x32, 0x32]
Device Identification
Device Identification Register
0x08
0x00
Connection Status
Connection Status Register
0x09
0x20
Connection Status and Control
Connection Status and Control
Register
0x0A
0x00
General Control
General Control Register
0xA0
0x02
Device Revision
Device Revision Register
6.6.1 Device Identification Register (offset = 0x07 through 0x00) [reset = 0x00, 0x54, 0x55, 0x53, 0x42,
0x33, 0x32, 0x32]
Figure 6-4. Device Identification Register
7
6
5
4
3
2
1
0
DEVICE_ID
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-7. Device Identification Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
DEVICE_ID
R
0x00
For the HD3SS3220 device these fields return a string of ASCII
characters returning HD3SS3220 addresses:
0x07 - 0x00 = {0x00, 0x54, 0x55, 0x53, 0x42, 0x33, 0x32, 0x32}
www.ti.com
HD3SS3220, HD3SS3220L
SLLSES1E – DECEMBER 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: HD3SS3220 HD3SS3220L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com