Electronic Components Datasheet Search
  English  ▼

X  

DFR0009 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0009
Description  LCD KeyPad Shield For Arduino SKU: DFR0009
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0009 Datasheet(HTML) 2 Page - DFROBOT

  DFR0009 Datasheet HTML 1Page - DFROBOT DFR0009 Datasheet HTML 2Page - DFROBOT DFR0009 Datasheet HTML 3Page - DFROBOT DFR0009 Datasheet HTML 4Page - DFROBOT DFR0009 Datasheet HTML 5Page - DFROBOT DFR0009 Datasheet HTML 6Page - DFROBOT DFR0009 Datasheet HTML 7Page - DFROBOT DFR0009 Datasheet HTML 8Page - DFROBOT DFR0009 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Introduction
This is a very popular LCD Keypad shield for Arduino or Freeduino board. It includes a 2x16 LCD
display and 6 momentary push buttons. Pins 4, 5, 6, 7, 8, 9 and 10 are used to interface with the
LCD. Analog Pin 0 is used to read the push buttons. The LCD shield supports contrast adjustment
and backlit on/off functions. It also expands analog pins for easy analog sensor reading and display.
The LCD Keypad shield is developed for Arduino compatible boards, to provide a user-friendly
interface that allows users to go through the menu, make selections etc. It consists of a 1602 white
character blue backlight LCD. The keypad consists of 5 keys — select, up, right, down and left. To
save the digital IO pins, the keypad interface uses only one ADC channel. The key value is read
through a 5 stage voltage divider.
Specification
Operating Voltage:5V
5 Push buttons to supply a custom menu control panel
RST button for resetting arduino program
Integrate a potentiometer for adjusting the backlight
Expanded available I/O pins
Expanded Analog Pinout with standard DFRobot configuration for fast sensor extension
Dimension: 80 x 58 mm
Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com