Electronic Components Datasheet Search
  English  ▼

X  

DFR0022 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0022
Description  Analog Grayscale Sensor V2 SKU:DFR0022
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0022 Datasheet(HTML) 1 Page - DFROBOT

  DFR0022 Datasheet HTML 1Page - DFROBOT DFR0022 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Analog Grayscale Sensor V2 SKU:DFR0022
Analog Grayscale Sensor V2
Contents
1 Introduction
2 Specification
3 Connection Diagram
4 Sample Code
Introduction
Here comes DFRobot's new Analog Ambient Light Sensor. Brand new design and much more
convenient to use.This module help you to detect the light density and reflect the analog voltage
signal back to Arduino controller. You can set the threshold of voltage level to trigger motors, relays
or other actuators.
Specification
Supply Voltage: 3.3V to 5V
Interface: Analog
Size:22x30mm


Similar Part No. - DFR0022

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0021-B DFROBOT-DFR0021-B Datasheet
55Kb / 2P
Gravity: Digital Blue LED Light Module
DFR0021-G DFROBOT-DFR0021-G Datasheet
53Kb / 1P
Gravity: Digital Green LED Light Module
DFR0021-R DFROBOT-DFR0021-R Datasheet
131Kb / 2P
Gravity:Digital RED LED Light Module
DFR0021-W DFROBOT-DFR0021-W Datasheet
94Kb / 1P
Gravity:Digital White LED Light Module
DFR0023 DFROBOT-DFR0023 Datasheet
162Kb / 4P
DFRobot LM35 Linear Temperature Sensor (SKU:DFR0023)
More results

Similar Description - DFR0022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8502 AD-ADD8502 Datasheet
1Mb / 16P
Integrated LCD Grayscale Generator
REV.0
logo
TRIAD MAGNETICS
CMT908-V2 TRIAD-CMT908-V2 Datasheet
43Kb / 1P
CMT908-V2
logo
Analog Devices
ADD8502 AD-ADD8502_15 Datasheet
1Mb / 16P
Integrated LCD Grayscale Generator
REV. 0
logo
Pepperl+Fuchs Inc.
IA6-12GM50-IU-V1 PF-IA6-12GM50-IU-V1 Datasheet
286Kb / 2P
Inductive analog sensor
NBB5-18GM60-I PF-NBB5-18GM60-I Datasheet
238Kb / 2P
Inductive analog sensor
3RG4612-0NB00-PF PF-3RG4612-0NB00-PF Datasheet
233Kb / 2P
Inductive analog sensor
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
Robotic Finger Sensor v2
12????9
logo
Pepperl+Fuchs Inc.
NBN15-30GM60-I3-5M PF-NBN15-30GM60-I3-5M Datasheet
795Kb / 2P
Inductive analog sensor
2022-06-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com