Electronic Components Datasheet Search
  English  ▼

X  

DFR0024 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0024
Description  18B20 Temperature Sensor V2 SKU: DFR0024
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0024 Datasheet(HTML) 1 Page - DFROBOT

  DFR0024 Datasheet HTML 1Page - DFROBOT DFR0024 Datasheet HTML 2Page - DFROBOT DFR0024 Datasheet HTML 3Page - DFROBOT DFR0024 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
18B20 Temperature Sensor V2 SKU: DFR0024
          
From Robot Wiki  
Contents
1 Introduction 
2 Specification 
3 Connection Diagram 
4 Sample Code 
Introduction
DS18B20 is a digital temperature sensor which is from DALLAS U.S. It can be used to quantify
the environmental temperature testing.
The temperature range -55 ~ +125
, the inherent temperature resolution of 0.5
, support
multi-point networking mesh. Three DS18B20 can deloyed on three lines, to achieve multi-point
temperature measurement. It has a 9-12 bit serial output.
Specification
Supply Voltage: 3.3V to 5V 
Temperature range :‐55 °C ~ +125 °C 
Interface: Digital 
Size:22x32mm 


Similar Part No. - DFR0024

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0021-B DFROBOT-DFR0021-B Datasheet
55Kb / 2P
Gravity: Digital Blue LED Light Module
DFR0021-G DFROBOT-DFR0021-G Datasheet
53Kb / 1P
Gravity: Digital Green LED Light Module
DFR0021-R DFROBOT-DFR0021-R Datasheet
131Kb / 2P
Gravity:Digital RED LED Light Module
DFR0021-W DFROBOT-DFR0021-W Datasheet
94Kb / 1P
Gravity:Digital White LED Light Module
DFR0022 DFROBOT-DFR0022 Datasheet
275Kb / 2P
Analog Grayscale Sensor V2 SKU:DFR0022
More results

Similar Description - DFR0024

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
TRIAD MAGNETICS
CMT908-V2 TRIAD-CMT908-V2 Datasheet
43Kb / 1P
CMT908-V2
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
PHOENIX CONTACT
1790348 PHOENIX-1790348 Datasheet
136Kb / 5P
FFKDS/V2-5,08
1790487 PHOENIX-1790487 Datasheet
95Kb / 3P
FFKDSA1/V2-7,62
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
Robotic Finger Sensor v2
12????9
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
DFROBOT
SEN0204 DFROBOT-SEN0204 Datasheet
382Kb / 5P
Non‐contact Liquid Level Sensor XKC‐Y25‐T12V SKU: SEN0204
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com