Electronic Components Datasheet Search
  English  ▼

X  

DFR0030 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0030
Description  Gravity: Digital Capacitive Touch Sensor For Arduino
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0030 Datasheet(HTML) 3 Page - DFROBOT

  DFR0030 Datasheet HTML 1Page - DFROBOT DFR0030 Datasheet HTML 2Page - DFROBOT DFR0030 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FEATURES
Wide voltage range from 3.3V to 5V
Standard assembling structure (two 3mm holes with multiple of 5cm as interval)
Easily recognitive interfaces of sensors ("A" for analog and "D" for digital)
Icons to simplely illustrate sensor function
High quality connector
Immersion gold surface
Specification
SPECIFICATION
Supply Voltage: 3.3V to 5V
Interface: Digital
Size:22x30mm (0.87 x 1.18 in)
SHIPPING LIST
Capacitive Touch Sensor x1
Digital cable x1
Powered By DFRobot © 2008-2016



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com