Electronic Components Datasheet Search
  English  ▼

X  

DFR0031 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0031
Description  Digital piranha LED light module (SKU: DFR0031)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0031 Datasheet(HTML) 1 Page - DFROBOT

  DFR0031 Datasheet HTML 1Page - DFROBOT DFR0031 Datasheet HTML 2Page - DFROBOT DFR0031 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Digital piranha LED light module (SKU: DFR0031)
Contents
1 Introduction
2 Specifications
3 Pin Definition
4 Connection Diagram
5 Sample Code
Introduction
Digital piranha LED light module (SKU: DFR0031)
Piranha LED light module, and special sensors Arduino board and ambient light sensor extension
combination, can be used in the interaction with the light works.
When the LED light module connected to Arduino, the digital pin (LOW on, HIGH off) is used to
control it. The brightness of LED can be controller via PWM output.
Specifications
Voltage: +3.3-5V
Weight: 5g


Similar Part No. - DFR0031

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0031-B DFROBOT-DFR0031-B Datasheet
56Kb / 1P
Gravity:Digital piranha LED module-Blue
DFR0031-G DFROBOT-DFR0031-G Datasheet
197Kb / 4P
Digital piranha LED light module ‐ Green (SKU: DFR0031‐G)
DFR0031-R DFROBOT-DFR0031-R Datasheet
52Kb / 1P
Gravity:Digital Piranha LED Module-Red
DFR0031-W DFROBOT-DFR0031-W Datasheet
49Kb / 1P
Gravity: Digital Piranha LED Module-White
More results

Similar Description - DFR0031

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC760A-WCY04 P-TEC-PLC760A-WCY04 Datasheet
357Kb / 6P
Piranha LED
PLC760-WCB04 P-TEC-PLC760-WCB04 Datasheet
337Kb / 6P
Piranha LED
PLC760-WCG04 P-TEC-PLC760-WCG04 Datasheet
367Kb / 6P
Piranha LED
PLC761A-WCR04 P-TEC-PLC761A-WCR04 Datasheet
343Kb / 6P
Piranha LED
PLC761A-WCY04 P-TEC-PLC761A-WCY04 Datasheet
388Kb / 6P
Piranha LED
PLC761-WCB04 P-TEC-PLC761-WCB04 Datasheet
348Kb / 6P
Piranha LED
PLC761-WCG04 P-TEC-PLC761-WCG04 Datasheet
397Kb / 6P
Piranha LED
PLC762A-WCY04 P-TEC-PLC762A-WCY04 Datasheet
377Kb / 6P
Piranha LED
PLC763-WCW04 P-TEC-PLC763-WCW04 Datasheet
498Kb / 7P
Piranha LED
PLC764-WCB04 P-TEC-PLC764-WCB04 Datasheet
361Kb / 6P
Piranha LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com