Electronic Components Datasheet Search
  English  ▼

X  

KGF1637 Datasheet(PDF) 3 Page - OKI electronic componets

Part # KGF1637
Description  Power FET (Plastic Package Type)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1637 Datasheet(HTML) 3 Page - OKI electronic componets

  KGF1637 Datasheet HTML 1Page - OKI electronic componets KGF1637 Datasheet HTML 2Page - OKI electronic componets KGF1637 Datasheet HTML 3Page - OKI electronic componets KGF1637 Datasheet HTML 4Page - OKI electronic componets KGF1637 Datasheet HTML 5Page - OKI electronic componets KGF1637 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
KGF1637
¡ electronic components
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
*1 Condition: f = 850 MHz, VDS = 3.4 V, IDSQ = 300 mA
Item
VDS
Symbol
Condition
Max.
Unit
Drain-source voltage
Gate-source voltage
Total power dissipation
Channel temperature
VGS
Ptot
Tch
Ta = 25°C
—
8
0.4
1.5
150
V
V
W
°C
Storage temperature
Tstg
—
125
°C
Min.
—
–5.0
—
—
–45
Ta = Tc = 25°C
Ta = 25°C
Drain current
IDS
Ta = 25°C
4.5
A
—
Item
PO
Symbol
Condition
Max.
Unit
Output power
—
dBm
—
Min.
31.5
60
(*1), PIN = 22 dBm
Typ.
32.0
70
Drain efficiency
h
D
(*1), PIN = 22 dBm
%
(Ta = 25°C)
Thermal resistance
Rth
°C/W
—
—20
Channel to case
VGS(off)
Gate-source cut-off voltage
–2.0
V
–3.0
VDS = 3 V, IDS = 8.4 mA
—
IDSS
Drain current
—
A
3.5
VDS = 1.5 V, VGS = 0 V
—
IDS(off)
Drain-source leakage current
3
mA
—
VDS = 8 V, VGS = –5 V
—
IGDO
Gate-drain leakage current
3
mA
—
VGD = –13 V
—
IGSS
Gate-source leakage current
0.1
mA
—
VGS = –5 V
—



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com