Electronic Components Datasheet Search
  English  ▼

X  

ADUM5020 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5020
Description  Low Emission, 5 kV Isolated DC-to-DC Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5020 Datasheet(HTML) 2 Page - Analog Devices

  ADUM5020 Datasheet HTML 1Page - Analog Devices ADUM5020 Datasheet HTML 2Page - Analog Devices ADUM5020 Datasheet HTML 3Page - Analog Devices ADUM5020 Datasheet HTML 4Page - Analog Devices ADUM5020 Datasheet HTML 5Page - Analog Devices ADUM5020 Datasheet HTML 6Page - Analog Devices ADUM5020 Datasheet HTML 7Page - Analog Devices ADUM5020 Datasheet HTML 8Page - Analog Devices ADUM5020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
ADuM6020/ADuM6028
TABLE OF CONTENTS
analog.com
Rev. D | 2 of 22
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagrams....................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics—5 V Primary
Input Supply/5 V Secondary Isolated
Supply.............................................................. 3
Electrical Characteristics—5 V Primary
Input Supply/3.3 V Secondary Isolated
Supply.............................................................. 4
Electrical Characteristics—3.3 V Primary
Input Supply/3.3 V Secondary Isolated
Supply.............................................................. 5
Regulatory Approvals.........................................6
Insulation and Safety Related Specifications..... 7
Package Characteristics.....................................8
DIN V VDE V 0884-10 (VDE V 0884-10)
Insulation Characteristics................................. 8
Recommended Operating Conditions.............. 10
Absolute Maximum Ratings................................. 11
ESD Caution.....................................................11
Pin Configuration and Function Descriptions...... 12
Truth Table....................................................... 12
Typical Performance Characteristics................... 13
Theory of Operation.............................................16
Applications Information...................................... 17
PCB Layout...................................................... 17
Thermal Analysis..............................................18
EMI Considerations.......................................... 18
Insulation Lifetime............................................ 18
Start-Up Behavior and Power Sequencing.......19
Outline Dimensions............................................. 21
Ordering Guide.................................................21
Evaluation Boards............................................ 22
Automotive Products........................................ 22
REVISION HISTORY
12/2022—Rev. C to Rev. D
Changes to Ordering Guide........................................................................................................................... 21
Changes to Automotive Products Section..................................................................................................... 22
3/2022—Rev. B to Rev. C
Changes to Features Section.......................................................................................................................... 1
Changes to Applications Section..................................................................................................................... 1
Changes to General Description Section.........................................................................................................1
Added Undervoltage Lockout Parameter, Table 1 and Table 2........................................................................3
Added Undervoltage Lockout Parameter, Table 3 and Table 4........................................................................4
Added Undervoltage Lockout Parameter, Table 5 and Table 6........................................................................5
Changes to Table 7..........................................................................................................................................6
Changes to Table 14......................................................................................................................................10
Change to Note 2, Table 15........................................................................................................................... 11
Changes to Table 17 and Table 18................................................................................................................ 12
Changes to Theory of Operation Section.......................................................................................................16
Changes to Figure 23, Figure 24, Table 20, Figure 25, and Figure 26.......................................................... 17
Added Start-Up Behavior and Power Sequencing Section............................................................................19
Changes to Ordering Guide........................................................................................................................... 21
Added Automotive Products Section............................................................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com