Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA851
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA851 Datasheet(HTML) 5 Page - Texas Instruments

  INA851 Datasheet HTML 1Page - Texas Instruments INA851 Datasheet HTML 2Page - Texas Instruments INA851 Datasheet HTML 3Page - Texas Instruments INA851 Datasheet HTML 4Page - Texas Instruments INA851 Datasheet HTML 5Page - Texas Instruments INA851 Datasheet HTML 6Page - Texas Instruments INA851 Datasheet HTML 7Page - Texas Instruments INA851 Datasheet HTML 8Page - Texas Instruments INA851 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
PGA848
UNIT
RGT (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
47.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.6
°C/W
RθJB
Junction-to-board thermal resistance
22.0
°C/W
ψJT
Junction-to-top characterization parameter
1.4
°C/W
ψJB
Junction-to-board characterization parameter
22.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.8
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application note.
6.5 Electrical Characteristics
at TA = 25 °C, VS = VSOUT = ±15V, VICM = 0V, VREF = 0V, RL = 10kΩ connected to ground, and G = 1V/V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage (RTI)
G = 5 to 100
±50
±300
µV
G = 0.5, 1, 2
±100 / G
±700 / G
Offset voltage drift RTI)
TA = –40°C to +125°C
G > 1
±0.1
±1.0
µV/°C
G = 0.5, 1
±0.2
±2.0
PSRR
Power-supply rejection ratio
±4V ≤ VS ≤ ±18V, RTI
G = 0.5
108
124
dB
G = 1
114
128
G = 2
118
130
G ≥ 5
120
134
zid
Differential input impedance
100 || 1
GΩ || pF
TA = –40°C to +125°C
10 || 1
zic
Common-mode input impedance
100 || 7
VICM
Common-mode input voltage
VS = ±4.5V to ±18V, TA = –40°C to +125°C
(VS–) + 3
(VS+) – 3
V
VIN
Differential input voltage(1)
–20
+20
V
CMRR
Common-mode rejection ratio
At dc to 60Hz,
VICM = ±10V,
TA = –40°C to +125°C,
RTI
G = 0.5
69
82
dB
G = 1
75
88
G = 2
81
94
G = 5
88
100
G = 10
96
106
G = 20
102
112
G = 50
108
116
G = 100
116
124
BIAS CURRENT
IB
Input bias current
±0.5
±2
nA
TA = –40°C to +125°C
±1
±3.6
Input bias current drift
TA = –40°C to +125°C
±5
pA/°C
IOS
Input offset current
±0.5
±1
nA
TA = –40°C to +125°C
±1
±2
Input offset current drift
TA = –40°C to +125°C
±5
pA/°C
GAIN
Gain
0.5
100
V/V
GE
Gain error
G = 0.5, 1, 2
±0.005
±0.03
%
G = 5, 10, 20, 50
±0.015
±0.04
G = 100
±0.025
±0.05
www.ti.com
PGA848
SBOSAN4 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com