Electronic Components Datasheet Search
  English  ▼

X  

REF30XXE Datasheet(PDF) 9 Page - Texas Instruments

Part # REF30XXE
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30XXE Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF30XXE Datasheet HTML 5Page - Texas Instruments REF30XXE Datasheet HTML 6Page - Texas Instruments REF30XXE Datasheet HTML 7Page - Texas Instruments REF30XXE Datasheet HTML 8Page - Texas Instruments REF30XXE Datasheet HTML 9Page - Texas Instruments REF30XXE Datasheet HTML 10Page - Texas Instruments REF30XXE Datasheet HTML 11Page - Texas Instruments REF30XXE Datasheet HTML 12Page - Texas Instruments REF30XXE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
6.6 REF30 (continued)
at TA = 25°C, VIN = 5V, and ILOAD = 0mA (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
REF30xx
dVOUT/dT
Output voltage
temperature drift(2)
0°C ≤ TA ≤ 70°C
20
50
ppm/°C
–30°C ≤ TA ≤ +85°C
28
60
–40°C ≤ TA ≤ +85°C
30
65
–40°C ≤ TA ≤ +125°C
35
75
dVOUT/
dILOAD
Load regulation(3)
0mA < ILOAD < 25mA,
VIN = VREF + 500mV(1)
3
100
ppm
Thermal hysteresis(4)
25
100
ppm
Long Term stability
0000h to 1000h
24
ppm
1000h to 2000h
15
VDO
Dropout voltage
1
50
mV
ISC
Short-circuit current
45
mA
Turnon settling time
To 0.1% with CL = 1μF
120
µs
POWER SUPPLY
IQ
Quiescent current
TA = 25C
42
50
µA
–40°C ≤ TA ≤ +125°C
59
(1)
The minimum supply voltage for the REF3012 is 1.8V.
(2)
Box method used to determine over temperature drift.
(3)
Typical value of load regulation reflects measurements using a force and sense contacts see Section 8.3.6 section.
(4)
Thermal hysteresis procedure explained in more detail in Section 8.3.2 section.
www.ti.com
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com