Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA819
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA819 Datasheet HTML 10Page - Texas Instruments INA819 Datasheet HTML 11Page - Texas Instruments INA819 Datasheet HTML 12Page - Texas Instruments INA819 Datasheet HTML 13Page - Texas Instruments INA819 Datasheet HTML 14Page - Texas Instruments INA819 Datasheet HTML 15Page - Texas Instruments INA819 Datasheet HTML 16Page - Texas Instruments INA819 Datasheet HTML 17Page - Texas Instruments INA819 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Output Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-15
-12
-9
-6
-3
0
3
6
9
12
15
VS = VSOUT = 15V
VS = VSOUT = 5V
VS = VSOUT = ±15V
VS = VSOUT = ±5V
VREF = 0V
G = 2V/V
Figure 8-3. Input Common-Mode Voltage vs Output
Voltage
Output Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-15
-12
-9
-6
-3
0
3
6
9
12
15
VS = VSOUT = 15V
VS = VSOUT = 5V
VS = VSOUT = ±15V
VS = VSOUT = ±5V
VREF = 0V
G = 100V/V
Figure 8-4. Input Common-Mode Voltage vs Output
Voltage
8.2 Typical Applications
8.2.1 Driving a Single-Ended Input SAR ADC
Figure 8-5 shows the schematic for a 16-bit, precision, 1MSPS, successive approximation register (SAR),
analog-to-digital converter (ADC). This circuit shows the driving capability of the PGA848 with the ADS8860
single-ended input ADC.
ADS8860
Single-Ended
SAR ADC
INP
INN
5.3V
AVSS
REF6250
5.0V
Reference
RDIV1
±0.05%
10k
REF6050
5.0V
Reference
1k
OPA192
+
–
RISO
20
RF
2k
5.3V
10pF
10pF
15V
100nF
–15V
100nF
DA_IN–
+
OUT
IN+
IN–
DA_IN+
+
PGA848
+
Gain Network
A0
A1
A2
A0
A1
A2
Overvoltage
Protection
Overvoltage
Protection
VS+
DGND
–
–
–
REF
LVDD
VS–
LVSS
5.3V
1µF
REFIN
PGA848
REF Voltage
2.5V
100pF
100nF
CFB
75pF
CFB
75pF
22µF
0.22
CCM
120pF
RFIL
15
CDIFF
1.2nF
RFIL
15
CCM
120pF
22nF
10nF
RDIV2
±0.05%
10k
CF
2200pF
100nF
100
100
3.33k
3.33k
6.67k
6.67k
VIN+
VIN
VOUT = G × VIN +VREF
VIN = VIN+
VIN
VOUT
VREF
Figure 8-5. Driving the ADS8860 SAR ADC
PGA848
SBOSAN4 – AUGUST 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com