| Electronic Components Datasheet Search |
|
SN54AC00 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54AC00 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 31 page ![]() Package We able Flank Lead PCB Pad Standard Lead Package Solder Figure 7-1. Simplified Cutaway View of Wettable-Flank QFN Package and Standard QFN Package After Soldering Wettable flanks help improve side wetting after soldering, which makes QFN packages easier to inspect with automatic optical inspection (AOI). As shown in Figure 7-1, a wettable flank can be dimpled or step-cut to provide additional surface area for solder adhesion which assists in reliably creating a side fillet. See the mechanical drawing for additional details. 7.3.4 Clamp Diode Structure As shown in Figure 7-2, the inputs and outputs to this device have both positive and negative clamping diodes. CAUTION Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage to the device. The input and output voltage ratings may be exceeded if the input and output clamp- current ratings are observed. GND Logic Input Output VCC Device -IIK +IIK +IOK -IOK Figure 7-2. Electrical Placement of Clamping Diodes for Each Input and Output 7.4 Device Functional Modes Table 7-1. Function Table INPUTS OUTPUT A B Y H H L L X H X L H SN74AC00-Q1 SCASE92A – MARCH 2025 – REVISED MARCH 2025 www.ti.com 12 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |