Electronic Components Datasheet Search
  English  ▼

X  

REF3025 Datasheet(PDF) 22 Page - Texas Instruments

Part # REF3025
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3025 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF3025 Datasheet HTML 18Page - Texas Instruments REF3025 Datasheet HTML 19Page - Texas Instruments REF3025 Datasheet HTML 20Page - Texas Instruments REF3025 Datasheet HTML 21Page - Texas Instruments REF3025 Datasheet HTML 22Page - Texas Instruments REF3025 Datasheet HTML 23Page - Texas Instruments REF3025 Datasheet HTML 24Page - Texas Instruments REF3025 Datasheet HTML 25Page - Texas Instruments REF3025 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
8.3 Power Supply Recommendations
The REF30 family of references feature an extremely low-dropout voltage. These references can be operated
with a supply of only 50mV above the output voltage. For loaded reference conditions, a typical dropout voltage
versus load is shown in the front page plot, Dropout Voltage vs Load Current. Use a supply bypass capacitor
greater than 0.47µF.
8.4 Layout
8.4.1 Layout Guidelines
Figure 8-6 illustrates an example of a printed-circuit board (PCB) layout using the REF30. Some key
considerations are:
• Connect low-ESR, 0.1μF ceramic bypass capacitors at VIN of the REF30.
• Decouple other active devices in the system per the device specifications.
• Use a solid ground plane to help distribute heat and reduces electromagnetic interference (EMI) noise pickup.
• Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
• Minimize trace length between the reference and bias connections to the INA and ADC to reduce noise
pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
8.4.2 Layout Example
Figure 8-6. Layout Example
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com