Electronic Components Datasheet Search
  English  ▼

X  

BUX48C Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUX48C
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX48C Datasheet(HTML) 4 Page - STMicroelectronics

  BUX48C Datasheet HTML 1Page - STMicroelectronics BUX48C Datasheet HTML 2Page - STMicroelectronics BUX48C Datasheet HTML 3Page - STMicroelectronics BUX48C Datasheet HTML 4Page - STMicroelectronics BUX48C Datasheet HTML 5Page - STMicroelectronics BUX48C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
4.9
0.185
0.193
C
1.17
1.37
0.046
0.054
D
2.5
0.098
E
0.5
0.78
0.019
0.030
F
1.1
1.3
0.043
0.051
G
10.8
11.1
0.425
0.437
H
14.7
15.2
0.578
0.598
L2
–
16.2
–
0.637
L3
18
0.708
L5
3.95
4.15
0.155
0.163
L6
31
1.220
R
–
12.2
–
0.480
Ø
4
4.1
0.157
0.161
R
L6
¯
L3
L2
L5
123
TO-218 (SOT-93) MECHANICAL DATA
P025A
BUX48C/BUV48C/BUV48CFI
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com