Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221F Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUXHS221F
Description  TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 28V Overvoltage Protection and 1.2V Logic
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUXHS221F Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUXHS221F Datasheet HTML 2Page - Texas Instruments TMUXHS221F Datasheet HTML 3Page - Texas Instruments TMUXHS221F Datasheet HTML 4Page - Texas Instruments TMUXHS221F Datasheet HTML 5Page - Texas Instruments TMUXHS221F Datasheet HTML 6Page - Texas Instruments TMUXHS221F Datasheet HTML 7Page - Texas Instruments TMUXHS221F Datasheet HTML 8Page - Texas Instruments TMUXHS221F Datasheet HTML 9Page - Texas Instruments TMUXHS221F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
5.4 Electrical Characteristics (continued)
TA = –40°C to +125°C , VCC = 2.3V to 5.5V, GND = 0V, Typical values are at VCC = 3.3V, TA = 25°C, (unless otherwise
noted) .
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCLAMP_V
Maximum voltage to appear on D1± and D2±
pins during OVP scenario
VD± = 0V to 28V
VCC=2.3V-5.5V
tRISE (10% to 90%) = 100ns
RL = Open
OEn= 0V
7.24
7.67
V
VD± = 0V to 28V
tRISE (10% to 90%) = 100ns
RL = 50Ω
Switch on or off
OEn = 0V
6.8
7.3
V
tCLAMP
Maximum OVP transient duration above 5V
VD± = 0V to 28V
VCC=2.3-5.5
tRISE (10% to 90%) = 100ns
RL = Open
OEn= 0V
54
84
ns
VD± = 0V to 28V
tRISE (10% to 90%) = 100ns
RL = 50Ω
Switch on or off
OEn = 0V
39
56
ns
TMUXHS221F
SLVSIV4 – SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com