Electronic Components Datasheet Search
  English  ▼

X  

TSD12 Datasheet(PDF) 9 Page - Texas Instruments

Part # TSD12
Description  TSDxx-Q1 Unidirectional TVS Diodes for Automotive Applications in SOD-323 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD12 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSD12 Datasheet HTML 5Page - Texas Instruments TSD12 Datasheet HTML 6Page - Texas Instruments TSD12 Datasheet HTML 7Page - Texas Instruments TSD12 Datasheet HTML 8Page - Texas Instruments TSD12 Datasheet HTML 9Page - Texas Instruments TSD12 Datasheet HTML 10Page - Texas Instruments TSD12 Datasheet HTML 11Page - Texas Instruments TSD12 Datasheet HTML 12Page - Texas Instruments TSD12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
5.12 Typical Characteristics (continued)
Te mperature (
C)
-75
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
TSD12-Q1
TSD15-Q1/18-Q1
TSD24-Q1
TSD36-Q1
Figure 5-7. Leakage Current vs Temperature
6 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
6.1 Application Information
The TSDxx-Q1 are TVS diodes that provide a path to ground for dissipating transient voltage spikes, such as
ESD or surge, on signal lines and power lines. Connect the device in parallel to the down stream circuitry for
protection. As the current from the transient passes through the TVS, only a small voltage drop is present across
the diode. This is the voltage presented to the protected IC. The low RDYN of the triggered TVS holds this voltage
(VCLAMP) to a safe level for the protected IC. For more information on how to properly use this device, refer to the
ESD Packaging and Layout Guide.
www.ti.com
TSD12-Q1, TSD15-Q1, TSD18-Q1, TSD24-Q1, TSD36-Q1
SLVSHX1 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TSD12-Q1 TSD15-Q1 TSD18-Q1 TSD24-Q1 TSD36-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com