Electronic Components Datasheet Search
  English  ▼

X  

ML4800IX Datasheet(PDF) 7 Page - ON Semiconductor

Part # ML4800IX
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ML4800IX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ML4800IX Datasheet HTML 3Page - ON Semiconductor ML4800IX Datasheet HTML 4Page - ON Semiconductor ML4800IX Datasheet HTML 5Page - ON Semiconductor ML4800IX Datasheet HTML 6Page - ON Semiconductor ML4800IX Datasheet HTML 7Page - ON Semiconductor ML4800IX Datasheet HTML 8Page - ON Semiconductor ML4800IX Datasheet HTML 9Page - ON Semiconductor ML4800IX Datasheet HTML 10Page - ON Semiconductor ML4800IX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ML4800
PRODUCT SPECIFICATION
6
REV. 1.0.5 9/25/01
Typical Performance Characteristics
VRMS(V)
02
4
5
13
480
420
360
300
240
180
120
60
0
180
160
140
120
100
80
60
40
20
0
VFB (V)
05
3
14
2
180
160
140
120
100
80
60
40
20
0
IEA INPUT VOLTAGE (mV)
–500
500
0
Voltage Error Amplifier (VEA) Transconductance (gm)
Current Error Amplifier (IEA) Transconductance (gm)
Gain Modulator Transfer Characteristic (K)
K
I
GAINMOD
84
µA
–
()
IAC
5
0.625
–
()
×
-----------------------------------------------------mV
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com