Electronic Components Datasheet Search
  English  ▼

X  

KCF3GWH Datasheet(PDF) 1 Page - TUK Ltd

Part # KCF3GWH
Description  3G F connector female to female keystone coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KCF3GWH Datasheet(HTML) 1 Page - TUK Ltd

  KCF3GWH Datasheet HTML 1Page - TUK Ltd KCF3GWH Datasheet HTML 2Page - TUK Ltd KCF3GWH Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3G F connector female to female keystone coupler
High performance 3G F connector female to female keystone coupler
(KCF3G)
This keystone can be used to extend a HD F-connection, such as in satellite cabling for HD signals. Precision
manufactured with high quality components, this professional, broadcast standard connector is capable of
outstanding electrical performance (up to and beyond 3 GHz).
Features:
Connector: F female to F female
Impedance: 75 Ohm
Easy screw connector on both sides
Ideal for HD cabling for satellite installations
Also available in Panel Mount and D UNIVERSAL versions – see images below
Materials:
Colour –black or white keystone mount, ‘silver’ connector body, blue insulator
Materials: connector body - brass; insulator – POM coloured blue; contacts – gold plated; keystone housing
- ABS UL 94V-0
Weight: 6g approx
Dimensions: 25.5 x 16.3 x 22.3mm
KCF3Gwh (front)
KCF3Gbk (back)


Similar Part No. - KCF3GWH

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
KCF3G TUK-KCF3G Datasheet
1Mb / 9P
LOW PROFILE PANEL MOUNT RANGE
04/01/2022
KCF3GBPM TUK-KCF3GBPM Datasheet
1Mb / 9P
LOW PROFILE PANEL MOUNT RANGE
04/01/2022
More results

Similar Description - KCF3GWH

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6715 POMONA-6715 Datasheet
38Kb / 1P
BNC Female to F Type Female Adapter
logo
Pasternack Enterprises,...
PE9164 PASTERNACK-PE9164 Datasheet
233Kb / 2P
75 Ohm F Female to F Female Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
PE9761 PASTERNACK-PE9761 Datasheet
74Kb / 1P
F FEMALE TO F FEMALE
logo
Tripp Lite. All Rights ...
P164000KJWH TRIPPLITE-P164000KJWH Datasheet
502Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F-F)
logo
Adam Technologies, Inc.
RF4-19-D-00-75 ADAM-TECH-RF4-19-D-00-75 Datasheet
67Kb / 1P
FEMALE F CONNECTOR
logo
Amphenol Corporation
242161 AMPHENOL-242161 Datasheet
53Kb / 1P
BNC FEMALE TO F FEMALE ADAPTER
logo
Pasternack Enterprises,...
PE91349 PASTERNACK-PE91349 Datasheet
336Kb / 3P
Precision 75 Ohm F Female to F Female Adapter
logo
Tripp Lite. All Rights ...
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com