Electronic Components Datasheet Search
  English  ▼

X  

KSA0760 Datasheet(PDF) 1 Page - Pressmaster AB

Part # KSA0760
Description  High strength, through hardened alloy steel construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESSMASTER [Pressmaster AB]
Direct Link  https://www.pressmaster.se/
Logo PRESSMASTER - Pressmaster AB

KSA0760 Datasheet(HTML) 1 Page - Pressmaster AB

  KSA0760 Datasheet HTML 1Page - Pressmaster AB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product
KSA 0760
KSA-0760 is a crimping tool for insulated connectors,
0.75 - 6.0 mm²/AWG 22-10 (red, blue, yellow), Oval-
Crimp symmetric. Short and long handle available.
High strength, through hardened alloy steel
construction
Unique mechanism significantly reduces hand
force requirement over competing crimping tools
Versatile and easy to customize for right hand or
left hand users.
Non-slip pad holds tool in place when leveraging
on a work surface
Full cycle crimp mechanism to ensure consistent,
reliable crimp
Ratchet release mechanism to clear miscrimps and
obstructions
Precision eccentric adjustment for consistent
performance and ability to calibrate
Hole in handle allows attachment of safety strap
Each tool has a unique serial number for traceability
Pressmaster AB
P.O. Box 3, Industrivägen
SE-796 21 Älvdalen, Sweden
Tel: +46 (0)251-451 00
info@pressmaster.se
www.pressmaster.com
Die profile
Crimp profile
TECHNICAL DATA
Length: 256 mm/10.08"
Width: 22 mm/0.87"
Height: 80 mm/3.15"
Weight: 559 gr/1.23 lb
Wire size: 0.75-6 mm2 / AWG 22-
AWG 10
Crimp dimensions mm/mm2:
0,75 - 1,5 mm2 (red)/1,5 - 2,5 mm2
(blue)/4 - 6 mm2 (yellow)
Crimp dimensions inch/AWG:
AWG 22 - AWG 16/AWG 16 - AWG
14/AWG 12 - AWG 10
Connector: Insulated connectors
Description: For pre insulated red,
blue and yellow connectors.
Life span, cycles: 50,000


Similar Part No. - KSA0760

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSA0A2-11-LFTR CK-COMPONENTS-KSA0A2-11-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
logo
ITT Industries
KSA0A211LFT ITT-KSA0A211LFT Datasheet
253Kb / 5P
Sealed Tact Switch
logo
C&K Components
KSA0A23-1-LFTR CK-COMPONENTS-KSA0A23-1-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
logo
ITT Industries
KSA0A231LFT ITT-KSA0A231LFT Datasheet
253Kb / 5P
Sealed Tact Switch
logo
C&K Components
KSA0A3-11-LFTR CK-COMPONENTS-KSA0A3-11-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
More results

Similar Description - KSA0760

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3108E10SLA4S ETC2-CA3108E10SLA4S Datasheet
4Mb / 34P
High strength aluminum alloy connector, High strength plastic insulators
PA8111 ETC2-PA8111 Datasheet
517Kb / 2P
High-grade, hardened steel frame offers superior performance and durability
logo
CTS Corporation
73M1A CTS-73M1A Datasheet
227Kb / 3P
Metal Plate Construction ??Copper Alloy
logo
Laird Tech Smart Techno...
YA9-9 LSTD-YA9-9 Datasheet
1Mb / 2P
Stainless steel construction, low wind loading
logo
PowerDynamics, Inc
SW2388 POWERDYNAMICS-SW2388 Datasheet
586Kb / 1P
T304 16GA Stainless Steel Construction
SW2389 POWERDYNAMICS-SW2389 Datasheet
609Kb / 1P
T304 16GA Stainless Steel Construction
SW2390 POWERDYNAMICS-SW2390 Datasheet
573Kb / 1P
T304 16GA Stainless Steel Construction
SW2391 POWERDYNAMICS-SW2391 Datasheet
628Kb / 1P
T304 16GA Stainless Steel Construction
logo
Linx Technologies
ANT-2.4-YG12-N LINX-ANT-2.4-YG12-N Datasheet
182Kb / 1P
Stainless steel construction
12-21-09
ANT-2.4-YG6-N LINX-ANT-2.4-YG6-N Datasheet
165Kb / 1P
Stainless steel construction
12-21-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com