Electronic Components Datasheet Search
  English  ▼

X  

PDIFMP63UX Datasheet(PDF) 26 Page - Banner Engineering Corp.

Part # PDIFMP63UX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP63UX Datasheet(HTML) 26 Page - Banner Engineering Corp.

Back Button PDIFMP63UX Datasheet HTML 22Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 23Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 24Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 25Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 26Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 27Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 28Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 29Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 30Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Fiber Systems
188 More information online at bannerengineering.com
Plastic Fiber Optics
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
1.0
12
PBAT43TMB5
Detailed Dimensions Online
16.5
ø 3.0
14.0
25.4
R 12.7
14.0
3.0
M6 x 0.75
stainless steel
ø 4.0
191
1000
ø3.6 Stainless
Braid Over
Monocoil
ø2.9 Stainless
Braid Over
Monocoil
30.0
15.5
ø 5.1
stainless
steel
ø 4.6
ø 2.2
Shrink
Junction
50
200
100
150
250
• 90° Angle/Thread
0.5
9X 0.25
12
PBCT23TMB5
Detailed Dimensions Online
Shrink Junction
191
1000
ø3.6 Stainless Braid
Over Monocoil
ø2.9 Stainless Braid
Over Monocoil
30.0
15.5
13.2
18.4
M3 x 0.5
stainless
steel
ø 4.4
ø 4.6
ø 2.2
40
20
160
140
60
100
80
120
180
• Miniature thread
0.5
9X 0.25
12
PBCT23TMB5M4
Detailed Dimensions Online
Shrink Junction
191
1000
ø3.6 Stainless Braid
Over Monocoil
ø2.9 Stainless Braid
Over Monocoil
30.0
15.5
18.2
24.0
M4 x 0.7
stainless
steel
ø 4.4
ø 4.6
ø 2.2
40
20
160
140
60
100
80
120
180
• Thread
1.0
12
PBF43TMB5
Detailed Dimensions Online
Shrink Junction
191
1000
ø3.6 Stainless Braid
Over Monocoil
30.0
15.5
ø 4.6
ø 2.2
17.0
ø 5.1
stainless
steel
ø2.9 Stainless Braid
Over Monocoil
50
200
100
150
250
• Smooth ferrule
1.0
12
PBPS43TMB5
Detailed Dimensions Online
Shrink Junction
191
ø3.6 Stainless Braid
Over Monocoil
ø2.9 Stainless Braid
Over Monocoil
30.0
15.5
ø 4.6
ø 2.2
1000
14.0
51
stainless steel
(non-bendable)
probe
ø 5.1
ø 3.0
stainless
steel
20
80
40
60
100
• Smooth ferrule;
non-bendable tip
1.0
12
PBT43TMB5
Detailed Dimensions Online
Shrink Junction
191
1000
ø3.6 Stainless Braid
Over Monocoil
ø2.9 Stainless Braid
Over Monocoil
30.0
15.5
ø 4.6
ø 2.2
ø 4.0
17.0
2.0
M6 x 0.75
50
200
100
150
250
• Thread
1.0
12
PBTA43TMB5
Detailed Dimensions Online
Shrink
Junction
191
1000
ø3.6
Stainless Braid
Over Monocoil
ø2.9
Stainless Braid
Over Monocoil
30.0
15.5
ø 4.6
ø 2.2
25.4
ø 3.0
stainless
steel
25.4
17.0
R 12.7
M6 x 0.75
stainless steel
50
200
100
150
250
• Thread/90° Angle
1.0
12
PBTP43TMB5
Detailed Dimensions Online
Shrink Junction
191
1000
ø3.6 Stainless Braid
Over Monocoil
ø2.9 Stainless
Braid Over Monocoil
30.0
15.5
ø 4.6
ø 2.2
17.0
89
M6 x 0.75
stainless steel
ø 3.0
50
200
100
150
250
• Thread; bendable tip
0.5
12
PBT26UHT1
Detailed Dimensions Online
2X ø 1.0
cross-linked
polyethylene
11.0
2000
M3 x 0.5
stainless steel
20
100
40
60
80
120
• Thread; withstands
125° C (257° F)
1.0
25
PBT46UHT1
Detailed Dimensions Online
ø 4.0
2X ø 2.2
cross-linked
polyethylene
14.0
3.0
2000
M6 x 0.75
stainless steel
50
200
100
150
250
• Thread; withstands
125° C (257° F)
Indicates lens available for model. See page 189 for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com