Electronic Components Datasheet Search
  English  ▼

X  

CSM-5 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSM-5
Description  RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSM-5 Datasheet(HTML) 1 Page - Sumida Corporation

  CSM-5 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: CSM-5
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
RF Coils < SMD Type: CSM Series>
◆ Product Description
・5.8×5.1mm Max.(L×W), 4.2mm Max. Height.
・Inductance: 5μH Max.
・Operating frequency:200MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
・Unshielded type with plastic molding case.
・RoHS Compliance
◆ Dimensions (mm)
◆ Connection (Bottom View)
“ S” is winding start.
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
* Dimensions without tolerance are approx.
◆ Specification(Part No. 5251-T031)
Item
(3-1)
Measuring frequency
(MHz)
Tuning capacitance
60.8pF ± 20% Variable
100
Unloaded Q
35 Min.
100
MAX.4.2
MAX.0.1
4.8±0.3
1.1
1.1
3.0
1
34
6
S


Similar Part No. - CSM-5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CSM-56F801 NXP-CSM-56F801 Datasheet
281Kb / 13P
Development Module for Freescale DSP56F801
07/2006
logo
China Semiconductor Cor...
CSM-57031A9 CHINASEMI-CSM-57031A9 Datasheet
218Kb / 7P
0.7Inch Dot-Matrix Display
CSM-57031E CHINASEMI-CSM-57031E Datasheet
216Kb / 6P
0.7Inch Dot-Matrix Display
CSM-57031G CHINASEMI-CSM-57031G Datasheet
217Kb / 6P
0.7 Inch Dot-Matrix Display
CSM-57031M9 CHINASEMI-CSM-57031M9 Datasheet
215Kb / 6P
0.7Inch Dot-Matrix Display
More results

Similar Description - CSM-5

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
RF Coils
SM76 SUMIDA-SM76 Datasheet
35Kb / 1P
RF Coils
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
RF COILS
S-7LFN SUMIDA-S-7LFN Datasheet
159Kb / 1P
RF COILS
S-7LBFN SUMIDA-S-7LBFN Datasheet
156Kb / 1P
RF COILS
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
RF COILS
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
RF COILS
S-7GC SUMIDA-S-7GC Datasheet
30Kb / 1P
RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
RF COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com