Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G32GS Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G32GS
Description  Single 2-input OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G32GS Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G32GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Nexperia
74LVC1G32
Single 2-input OR gate
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 5.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
A, B to Y; see Fig. 4
[2]
VCC = 1.65 V to 1.95 V
1.0
3.1
8.0
1.0
10.5
ns
VCC = 2.3 V to 2.7 V
0.5
2.1
5.5
0.5
7.0
ns
VCC = 2.7 V
0.5
2.5
5.5
0.5
7.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.1
4.5
0.5
6.0
ns
tpd
propagation delay
VCC = 4.5 V to 5.5 V
0.5
1.7
4.0
0.5
5.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V [3]
-
16
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = (CPD × VCC 2 × fi × N) + (CL × VCC 2 × fo) where:
VCC = supply voltage in V;
fi = input frequency in MHz;
N = number of inputs switching;
CL = output load capacitance in pF;
fo = output frequency in MHz.
11.1. Waveforms and test circuit
mna615
tPHL
tPLH
VM
VM
A, B input
Y output
GND
VI
VOH
VOL
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 4. The input A, B to output Y propagation delays
Table 9. Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5 × VCC
0.5 × VCC
2.3 V to 2.7 V
0.5 × VCC
0.5 × VCC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5 × VCC
0.5 × VCC
74LVC1G32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 16.1 — 3 September 2024
6 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com