Electronic Components Datasheet Search
  English  ▼

X  

AC500101 Datasheet(PDF) 2 Page - Microchip Technology

Part # AC500101
Description  High Density EERAM Evaluation Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC500101 Datasheet(HTML) 2 Page - Microchip Technology

  AC500101 Datasheet HTML 1Page - Microchip Technology AC500101 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Features
1 Mbit SPI and 64 Kbit I²C serial EERAM devices
Follows the published recommended capacitor selection for the EERAM
device
Test points with probe loops for I²C signals, SPI signals, VCC and GND
On-board pull-ups for I²C bus operation
Jumper options for 3.3V and 5V operation
On-board RC lter ensures VCC ramp rate adheres to data sheet
requirements
Jumper for VCAP/VCC operation
Jumper for alternate I/O pins to device HOLD and CS
PICtail™ Plus and mikroBUS™ connectors
©Copyright 1998-2020 Microchip Technology Inc. All rights reserved.
     
Products
Applications
Design
Training
Sample
About
Contact
Legal
Privacy Policy
Investors
Careers
Support
Documents
and
Software
 Overview
Features
Additional
Resources
Related
Tools



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com