Electronic Components Datasheet Search
  English  ▼

X  

LP3530 Datasheet(PDF) 1 Page - Pentair Equipment Protection - Hoffman

Part # LP3530
Description  INLINE™ Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

LP3530 Datasheet(HTML) 1 Page - Pentair Equipment Protection - Hoffman

  LP3530 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman LP3530 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec-00360 E
INLINE™ AccEssorIEs INLINE™ AccEssorIEs
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
AccEssorIEs
1
Spec-00360
e763.422.2211
763.422.2600
AccEssorIEs
INLINE™ AccEssorIEs
INLINE™ AccEssorIEs
PANEL
Panels are 12 gauge steel with a white polyester powder paint or
conductive finish. Ground hole is labeled. Sized for M6 fastener.
Bulletin: A53, A54p
Catalog Number
Material
Panel Size
D x E (mm)
Panel Size
D x E (in.)
Fits INLINE
Enclosure Size (mm)
LP1515
Painted Steel
131 x 131
5.16 x 5.16
150 x 150
LP1515G
Conductive
131 x 131
5.16 x 5.16
150 x 150
LP2015
Painted Steel
181 x 131
7.13 x 5.16
200 x 150
LP2015G
Conductive
181 x 131
7.13 x 5.16
200 x 150
LP2520
Painted Steel
231 x 181
9.10 x 7.13
250 x 200
LP2520G
Conductive
231 x 181
9.10 x 7.13
250 x 200
LP3025
Painted Steel
281 x 231
11.07 x 9.10
300 x 250
LP3025G
Conductive
281 x 231
11.07 x 9.10
300 x 250
LP3530
Painted Steel
331 x 281
13.04 x 11.07
350 x 300
LP3530G
Conductive
331 x 281
13.04 x 11.07
350 x 300
LP2040
Painted Steel
181 x 381
7.13 x 15.01
200 x 400
LP2040G
Conductive
181 x 381
7.13 x 15.01
200 x 400
LP2060
Painted Steel
181 x 581
7.13 x 22.89
200 x 600
LP2060G
Conductive
181 x 581
7.13 x 22.89
200 x 600
INLINE™ LANdscAPE PANELs
Panels are 12 gauge steel with a white polyester powder paint or
conductive finish. They include a labeled ground hole sized for an
M6 screw. Panels mount on studs provided in the enclosure or to
optional DIN mounting brackets.
Bulletin: A54p
Catalog Number
Conductive
Panel
Panel Size
D x E (mm)
Panel Size
D x E (in.)
LP2331
LP2331G
211 x 291
8.31 x 11.46
LP2346
LP2346G
211 x 441
8.31 x 17.36
LP2360
LP2360G
211 x 581
8.31 x 22.87
LP2377
LP2377G
211 x 751
8.31 x 29.57
LP2393
LP2393G
211 x 906
8.31 x 35.67
MouNtINg-BrAckEt kIt
Kit is field-installable on all solid-back-body enclosures. Hardware
included. Four brackets per kit.
Bulletin: A54SY, A54Y
Catalog Number
Description
LMFK
Plated steel mounting-bracket kit
LMFKSS
Type 316L stainless steel mounting-bracket kit
Lock INsErts
Lock Inserts can replace the
standard slotted quarter-turn latch.
Key included.
Bulletin: A54SY, A54Y
Catalog Number
Description
LLKSM7
Square 7 mm, Chrome Finish
LLKSM7SS
Square 7 mm, Type 316L Stainless Steel
LLKSM8
Square 8 mm, Chrome Finish
LLKDB
Daimler Benz, Chrome Finish
LLKDBM3
Double bit 3 mm, Chrome Finish
LLKSS
Slotted screw, Chrome Finish


Similar Part No. - LP3530

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
LP35 SENSATA-LP35 Datasheet
1Mb / 12P
LOW PROFILE PROGRAMMABLE ENCODER
Rev.07/29/19
LP35 SENSATA-LP35 Datasheet
1Mb / 11P
LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
Rev.07/22/19
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
LP35 SENSATA-LP35 Datasheet
2Mb / 12P
LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
Rev:03/28/22
More results

Similar Description - LP3530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2726324 PHOENIX-2726324 Datasheet
149Kb / 5P
Inline segment terminal, without accessories, 24 V DC, without fuse
2727608 PHOENIX-2727608 Datasheet
90Kb / 3P
Inline connector, colored
2727763 PHOENIX-2727763 Datasheet
146Kb / 5P
Inline analog input terminal block, without accessories, 2 inputs, TC (thermocouple), 2-wire connection method
2727776 PHOENIX-2727776 Datasheet
163Kb / 6P
Inline analog output terminal, without accessories, 1 output, 0-10 V, 2- conductor connection method
2740339 PHOENIX-2740339 Datasheet
75Kb / 3P
Inline power terminal block, without accessories, without fuse, 230 V AC
2819134 PHOENIX-2819134 Datasheet
80Kb / 4P
Inline CPU, for Assembler or "C" programming, RAM 128 kByte, without accessories
2819820 PHOENIX-2819820 Datasheet
93Kb / 4P
Inline temperature controller, complete with accessories (connection plug and labeling field)
2861726 PHOENIX-2861726 Datasheet
103Kb / 4P
Inline coupling module, complete with accessories (connector and marking label)
2863119 PHOENIX-2863119 Datasheet
126Kb / 5P
Inline digital output terminal block, complete with accessories (connector and labeling field)
More results


Html Pages

1 2