Electronic Components Datasheet Search
  English  ▼

X  

P20 Datasheet(PDF) 1 Page - nVent Electric plc

Part # P20
Description  Electrical Accessories Grounding
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P20 Datasheet(HTML) 1 Page - nVent Electric plc

  P20 Datasheet HTML 1Page - nVent Electric plc P20 Datasheet HTML 2Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ElEctrical accEssoriEs GroundinG
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
accEssoriEs
1
Spec-00567 G
GroundinG dEvicE
Grounding lug is designed to provide a means of attaching a
grounding conductor to an electrical enclosure. Will accept wire
sizes 2 through 14. Grounding Straps can be used to provide
electrical continuity between metal parts which must be electrically
connected. Each strap consists of a length of braided copper with a
ring terminal at both ends. Braid is insulated with green and yellow
striped plastic.
Bulletin: A80
Catalog Number
Description
Approximate
Wire Size (AWG)
Length
Between Ring
Terminals C-to-C (in.)
Length
Between Ring
Terminals C-to-C (mm)
Ring Terminal
Hole Diameter (in.)
Ring Terminal
Hole Diameter (mm)
AGS808
GroundingStrap
#8
8.19
208
0.406
10
AGS816
GroundingStrap
#8
16.19
411
0.406
10
AGS408
GroundingStrap
#4
8.19
208
0.406
10
AGS416
GroundingStrap
#4
16.19
411
0.406
10
AGlK2
Groundinglugkit
2-14
—
—
—
—
GroundinG Bar systEm
industry standards
UL Component Recognized; File No. E61997
aPPlication
Three sizes of grounding bars and insulated mounting brackets
are available. Bars are plated copper with M6 and M5 tapped
holes to provide a common point for grounding equipment. Fits all
enclosures if mounted vertically. See table for horizontal mounting.
Bulletin: P20
Catalog Number
Description
Length
mm/in.
Number of
Holes and
Screws M6
Number of
Holes and
Screws M5
PGS2K
Fits400-mmdeepframe
front-to-backhorizontally
200
7.87
3/5
10/10
PGS4K
Fits600-mmdeepframe
front-to-backhorizontally
400
15.75
9/11
20/20
PGS6K
Fits800-mmdeepframe
front-to-backhorizontally
600
23.62
15/17
30/31
ProlinE GroundinG Kit
The Grounding Kit allows a ProLine
or ProLine G2 enclosure to be
grounded to VDE specifications.
Includes six 12-gauge wires 411 mm
(16.19) long with ring terminations
and M6 mounting hardware.
Bulletin: P20
Catalog Number
Wire
Size
Length Between
Ring Terminals
mm/in.
Ring Terminal
Hole Diameter
mm/in.
PGK
12ga.
411
16.19
7
.29
rEPlacEmEnt PanEl-mount HardwarE Kit
Replacement hardware kit for panel mounting and grounding.
Suitable for CONCEPT enclosures. Hardware kit comes with
M8 panel mounting nuts, panel grounding hardware and sealing
washers.
Bulletin: A80
Catalog Number
Description
GRDM8PMHDWK
PanelMountHardwareKit
GroundinG Kit
These grounding kits come with mounting hardware, ground label
and installation instruction. Cables are not included.
Bulletin: A80
Catalog Number
Description
Hardware Size
SMGDK
Smallgroundingkit
10-32
lRGGDK
Largegroundingkit
1/4-20
lRGGDKSS
Largegroundingkitforstainlesssteel
M6


Similar Part No. - P20

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
Thermometrics
P20 AMPHENOL-P20 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Schneider Electric
P20 SCHNEIDER-P20 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
nVent Electric plc
P20 NVENT-P20 Datasheet
554Kb / 6P
PROLINE Grounding Kit
P20 NVENT-P20 Datasheet
730Kb / 6P
Side Door Adapter
More results

Similar Description - P20

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
05812 VICOR-05812 Datasheet
38Kb / 1P
CROSSFLOW GROUNDING CLIP
logo
ASM GmbH
3157-01 ASM-SENSOR-3157-01 Datasheet
547Kb / 4P
AC GROUNDING HiTESTER
logo
Winchester Electronics ...
SDK-3943A WINCHESTER-SDK-3943A Datasheet
601Kb / 2P
GROUNDING JACK
SDK-4959 WINCHESTER-SDK-4959 Datasheet
62Kb / 1P
JACK, GROUNDING
logo
List of Unclassifed Man...
BU-58 ETC2-BU-58 Datasheet
517Kb / 1P
Grounding Clamp
KA2S2 ETC2-KA2S2 Datasheet
149Kb / 1P
Electrical accessories
logo
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
Grounding busbar
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com