Electronic Components Datasheet Search
  English  ▼

X  

CWP Datasheet(PDF) 3 Page - nVent Electric plc

Part # CWP
Description  Wall-Mount Cabinets PROTEK Single-Door and Double-Hinged Cabinets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

CWP Datasheet(HTML) 3 Page - nVent Electric plc

  CWP Datasheet HTML 1Page - nVent Electric plc CWP Datasheet HTML 2Page - nVent Electric plc CWP Datasheet HTML 3Page - nVent Electric plc CWP Datasheet HTML 4Page - nVent Electric plc CWP Datasheet HTML 5Page - nVent Electric plc CWP Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wall-Mount Cabinets PROTEK SinglE-DOOR anD DOublE-HingED CabinETS
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
netWorking
3
Spec-00712 I
Catalog Number
AxBxC in./mm
Rack Units
F
in./mm
P
in./mm
Q
in./mm
S
in./mm
Optional Steel Panel
Optional Wood Panel
Additional Rack Angles a
PTRS362412X
36.30 x 23.62 x 11.81
922 x 600 x 300
19
9.51
242
---
---
---
---
.80
20
CP3220
CP3220W
PTRA36T or PTRA36S
PTRS362424X
36.30 x 23.62 x 24.02
922 x 600 x 610
19
21.72
552
---
---
---
---
.80
20
CP3220
CP3220W
PTRA36T or PTRA36S
PTRS482412X
48.62 x 23.62 x 11.81
1235 x 600 x 300
26
9.51
242
---
---
---
---
.80
20
CP4420
CP4420W
PTRA48T or PTRA48S
PTRS482424X
48.62 x 23.62 x 24.02
1235 x 600 x 610
26
21.72
552
---
---
---
---
.80
20
CP4420
CP4420W
PTRA48T or PTRA48S
aT = tapped 10-32, S = square hole (.375 in. x .375 in.)
Standard Product
  solid Door aC, neMa type 4, 12
Catalog Number
AxBxC in./mm
Rack Units
F
in./mm
P
in./mm
Q
in./mm
S
in./mm
Optional Steel Panel
Optional Wood Panel
Additional Rack Angles a
PTRS242424G4A
24.09 x 23.62 x 24.02
612 x 600 x 610
12
21.72
552
---
---
---
---
1.11
28
CP2020
CP2020W
PTRA24T or PTRA24S
PTRS362424G4A
36.30 x 23.62 x 24.02
922 x 600 x 610
19
21.72
552
---
---
---
---
1.11
28
CP3220
CP3220W
PTRA36T or PTRA36S
PTRS482424G4A
48.62 x 23.62 x 24.02
1235 x 600 x 610
26
21.72
552
---
---
---
---
1.11
28
CP4420
CP4420W
PTRA48T or PTRA48S
aT = tapped 10-32, S = square hole (.375 in. x .375 in.)
T150116G100 Air Conditioner included: 115V, 50/60 Hz, 800 BTU.
Standard Product
  Window Door aC, neMa type 12
Catalog Number
AxBxC in./mm
Rack Units
F
in./mm
P
in./mm
Q
in./mm
S
in./mm
Optional Steel Panel
Optional Wood Panel
Additional Rack Angles a
PTRW242424G2A
24.09 x 23.62 x 2.40
612 x 600 x 61
12
21.72
552
18.25
464
15.38
391
1.11
28
CP2020
CP2020W
PTRA24T or PTRA24S
PTRW362424G2A
36.30 x 23.62 x 24.02
922 x 600 x 610
19
21.72
552
30.75
781
15.38
391
1.11
28
CP3220
CP3220W
PTRA36T or PTRA36S
PTRW482424G2A
48.54 x 23.62 x 24.02
1233 x 600 x 610
26
21.72
552
42.70
1085
15.38
391
1.11
28
CP4420
CP4420W
PTRA48T or PTRA48S
aT = tapped 10-32, S = square hole (.375 in. x .375 in.)
T150116G100 Air Conditioner included: 115V, 50/60 Hz, 800 BTU.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com