Electronic Components Datasheet Search
  English  ▼

X  

DFR0222 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0222
Description  Xboard Relay - An Ethernet Controllered Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0222 Datasheet(HTML) 2 Page - DFROBOT

  DFR0222 Datasheet HTML 1Page - DFROBOT DFR0222 Datasheet HTML 2Page - DFROBOT DFR0222 Datasheet HTML 3Page - DFROBOT DFR0222 Datasheet HTML 4Page - DFROBOT DFR0222 Datasheet HTML 5Page - DFROBOT DFR0222 Datasheet HTML 6Page - DFROBOT DFR0222 Datasheet HTML 7Page - DFROBOT DFR0222 Datasheet HTML 8Page - DFROBOT DFR0222 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Not like previous X-board, X-board relay has no programming adapter required. A micro usb cable is
the only hardware needed to upload sketch.
Specification
MCU:Atmega 32u4
Clock Speed:16 MHz
Flash Memory:32 KB (ATmega32u4) of which 4 KB used by bootloader
SRAM:2.5 KB (ATmega32u4)
EEPROM:1 KB (ATmega32u4)
Ethernet Chip:Wiz5100
Power Supply:7.2-12V
USB Supply:Micro USB@5V
Pin out:2 Analog/1 I2C/4 Digital Pin Out
Relay Information:
Rated through-current: 10A (NO) 5A (NC)
Maximum switching voltage: 150VAC 24VDC
Control signal: TTL level
Contact Rating (Res. Load):10A 277VAC/24VDC
Max. switching voltage 250VAC/30VDC 250VAC/30VDC
Max. switching current 15A
Max. switching power 2770VA 240W 2770VA 240W
UL Rating: 10A 120VAC /10A 277VAC
Operate tiem (at nomi. Vot.): 10ms
Release time (at nomi. Vot.): 5ms
Pinout
Relay's connected to pins D7 and D8
Sample Code
Preparation
You will need:
1. W5500 Ethernet with POE Mainboard
2. Micro USB cable
3. PC
4. RJ45 network cable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com