Electronic Components Datasheet Search
  English  ▼

X  

DFR0224 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0224
Description  Screwless Terminal Shield For Arduino
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0224 Datasheet(HTML) 1 Page - DFROBOT

  DFR0224 Datasheet HTML 1Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Screwless Terminal Shield For Arduino
SKU:DFR0224
INTRODUCTION
Annoyed with finding screwdriver when connecting wires,  this Screwless Terminal Shield is a new way 
to plug  wires to a terminal.   
This shield features modular screwless terminal blocks which are flexible and efficient and the wires are 
easy to replace with no need for special tooling.  It also has standard arduino pin out which allows extra 
shield to be stacked on top of it.   
With this screwless terminal shield, make a prototyping project is much easier.  Easy and Quick.   
SPECIFICATION
Screwless Terminal Connector 
Compatible with Arduino Compatible form factor 
Press to connect cables 
Grey termianls 
Colored pin headers 
Size:11.8 x 5.7 x 1.6cm (4.65 x 2.24 x 0.63") 
 
Powered By DFRobot © 2008-2017
 


Similar Part No. - DFR0224

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0221 DFROBOT-DFR0221 Datasheet
196Kb / 5P
DFRobot Leonardo with Xbee R3(SKU:DFR0221)
DFR0222 DFROBOT-DFR0222 Datasheet
215Kb / 9P
Xboard Relay - An Ethernet Controllered Relay
DFR0225 DFROBOT-DFR0225 Datasheet
308Kb / 11P
Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
DFR0229 DFROBOT-DFR0229 Datasheet
257Kb / 8P
MicroSD card module for Arduino (SKU:DFR0229)
More results

Similar Description - DFR0224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com