Electronic Components Datasheet Search
  English  ▼

X  

DFR0231 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0231
Description  NFC Module for Arduino (SKU:DFR0231)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0231 Datasheet(HTML) 4 Page - DFROBOT

  DFR0231 Datasheet HTML 1Page - DFROBOT DFR0231 Datasheet HTML 2Page - DFROBOT DFR0231 Datasheet HTML 3Page - DFROBOT DFR0231 Datasheet HTML 4Page - DFROBOT DFR0231 Datasheet HTML 5Page - DFROBOT DFR0231 Datasheet HTML 6Page - DFROBOT DFR0231 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
*/
const unsigned char wake[24]={
0x55, 0x55, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00, \
0x00, 0x00, 0x00, 0x00, 0x00, 0x00, 0xff, 0x03, 0xfd, 0xd4, 0x14, 0x01, 0x17,
0x00};//wake up NFC module
const unsigned char firmware[9]={
0x00, 0x00, 0xFF, 0x02, 0xFE, 0xD4, 0x02, 0x2A, 0x00};//
const unsigned char tag[11]={
0x00, 0x00, 0xFF, 0x04, 0xFC, 0xD4, 0x4A, 0x01, 0x00, 0xE1, 0x00};//detecti
ng tag command
const unsigned char std_ACK[25] = {
0x00, 0x00, 0xFF, 0x00, 0xFF, 0x00, 0x00, 0x00, 0xFF, 0x0C, \
0xF4, 0xD5, 0x4B, 0x01, 0x01, 0x00, 0x04, 0x08, 0x04, 0x00, 0x00, 0x00, 0x00,
0x4b, 0x00};
unsigned char old_id[5];
unsigned char receive_ACK[25];//Command receiving buffer
//int inByte = 0;
//incoming serial byte buffer
#if defined(ARDUINO) && ARDUINO >= 100
#include "Arduino.h"
#define print1Byte(args) Serial1.write(args)
#define print1lnByte(args)
Serial1.write(args),Serial1.println()
#else
#include "WProgram.h"
#define print1Byte(args) Serial1.print(args,BYTE)
#define print1lnByte(args)
Serial1.println(args,BYTE)
#endif
void setup(){
Serial.begin(9600);
// open serial with PC
Serial1.begin(115200);
//open serial1 with device
//Serial2.begin(115200);
wake_card();
delay(100);



Html Pages

1 2 3 4 5 6 7