Electronic Components Datasheet Search
  English  ▼

X  

PEC12 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEC12
Description  12 mm Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC12 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEC12 Datasheet HTML 1Page - Bourns Electronic Solutions PEC12 Datasheet HTML 2Page - Bourns Electronic Solutions PEC12 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC12 - 12 mm Incremental Encoder
Product Dimensions
PEC12-2xxxF-Nxxxx
PEC12-4xxxF-Nxxxx
2.5
(.098)
0.8
(.031)
2.4
(.094)
4.1
(.161)
10.2
(.402)
12.4
(.488)
8.2
(.323)
L
F
DIA. 3 PLCS.
2.5
(.098)
2.0 +0.2/-0
(.079 +.008/-0)
2 PLCS.
2.1 +0.2/-0
(.083 +.008/-0)
2 PLCS.
1.0 +0.2/-0
(.039 +.008/-0)
0.9
(.035)
5.0
(.197)
1.9
(.075)
1.9
(.075)
3.5
(.138)
0.5 x 0.5
(.020 x .020)
5.0
(.197)
5.0
(.197)
L
F
5.0
(.197)
5.0
(.197)
5.0
(.197)
10.2
(.402)
13.2
(.520)
3.5
(.138)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
10.8
(.425)
10.0
(.394)
7.5
(.295)
6.8
(.268)
DIA.
6.8
(.268)
DIA.
0.9
(.035)
0.8
(.031)
7.5
(.295)
14.0
(.551)
12.4
(.488)
5.0
(.197)
10.2
(.402)
13.2
(.520)
DIA. 5 PLCS.
1.0 +0.2/-0
(.039 +.008/-0)
2.1 +0.2/-0
(.083 +.008/-0)
2 PLCS.
13.2
(.520)
2.0 +0.2/-0
(.079 +.008/-0)
2 PLCS.
0.5 x 0.5
(.020 x .020)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
5.0
(.197)
A
C
B
A
C
B
A
C
B
C
B
A CHANNEL A
COMMON
CHANNEL B
C
B
A CHANNEL A
COMMON
CHANNEL B
A
C
B
DIMENSIONS:
MM
(INCHES)
REV. 08/07
L
F
17.5
(.688)
5.0
(.197)
20.0
(.787)
7.0
(.276)
25.0
(.984)
12.0
(.472)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com