Electronic Components Datasheet Search
  English  ▼

X  

DFR0250 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0250
Description  AA Boost Module V2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0250 Datasheet(HTML) 1 Page - DFROBOT

  DFR0250 Datasheet HTML 1Page - DFROBOT DFR0250 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
AA Boost Module V2
SKU: DFR0250
INTRODUCTION
The AA boost Module is DFrobot's exclusive product. One of its key features is solving the 5V battery power supply problem. As
we all know, one AA battery is 1.5V , with two or three you still cannot get 5V. Now with this AA boost module, insert two dry
batteries, flip the power switch, and you have a 5V output to power your circuit. Two AA batteries will be enough to reach
standard 5V easily and convenient to use, which also provides a more simple supply scheme to Arduino sensors and controllers.
This AA boost module integrates with the boost chip TPS61032 from TI that is capable of outputing 5V@1A with input over
1.8V. The only difference between V1 and V2 is changing the output current from 2A to 1A.


Similar Part No. - DFR0250

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0251 DFROBOT-DFR0251 Datasheet
262Kb / 5P
16A Relay Module(SKU:DFR0251)
DFR0256 DFROBOT-DFR0256 Datasheet
223Kb / 3P
Mega Multi‐Expansion shield SKU:DFR0256
DFR0257 DFROBOT-DFR0257 Datasheet
246Kb / 4P
IO Expansion Shield for Launchpad V1 SKU:DFR0257
DFR0258 DFROBOT-DFR0258 Datasheet
157Kb / 3P
RS232 Shield For Arduino
DFR0259 DFROBOT-DFR0259 Datasheet
224Kb / 6P
Arduino RS485 Shield SKU: DFR0259
More results

Similar Description - DFR0250

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CMT908-V2 TRIAD-CMT908-V2 Datasheet
43Kb / 1P
CMT908-V2
logo
DB Lectro Inc
FR14505 DBLECTRO-FR14505 Datasheet
237Kb / 1P
AA/2900mAh
logo
Recom International Pow...
R-REF02-78S RECOM-R-REF02-78S Datasheet
486Kb / 3P
3.3V from a single AA battery (boost converter)
logo
Silver Telecom 2019
AG7100 SILVERTEL-AG7100 Datasheet
321Kb / 16P
57V Boost Converter Module
AG7200 SILVERTEL-AG7200 Datasheet
425Kb / 12P
48V Boost Converter Module
logo
ON Semiconductor
NXH40B120MNQ0SNG ONSEMI-NXH40B120MNQ0SNG Datasheet
730Kb / 13P
Dual Boost Power Module
February, 2020 ??Rev. P0
NXH80B120MNQ0SNG ONSEMI-NXH80B120MNQ0SNG Datasheet
763Kb / 13P
Dual Boost Power Module
February, 2020 ??Rev. P1
NXH100B120H3Q0 ONSEMI-NXH100B120H3Q0 Datasheet
1Mb / 15P
Dual Boost Power Module
August, 2019 ??Rev. 4
logo
PHOENIX CONTACT
1199811 PHOENIX-1199811 Datasheet
320Kb / 8P
Communication module - IB IL DALI MM-V2-PAC
Jan 11, 2023
logo
ON Semiconductor
NXH100B120H3Q0 ONSEMI-NXH100B120H3Q0_V01 Datasheet
1Mb / 16P
Dual Boost Power Module
January, 2022 - Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com