Electronic Components Datasheet Search
  English  ▼

X  

DFR0257 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0257
Description  IO Expansion Shield for Launchpad V1 SKU:DFR0257
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0257 Datasheet(HTML) 1 Page - DFROBOT

  DFR0257 Datasheet HTML 1Page - DFROBOT DFR0257 Datasheet HTML 2Page - DFROBOT DFR0257 Datasheet HTML 3Page - DFROBOT DFR0257 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
IO Expansion Shield for Launchpad V1 SKU:DFR0257
Contents
1 Introduction
2 Specification
3 Pin Out
3.1 More Details:
4 Software development tools
4.1 Energia – A simple IDE for LaunchPad
5 Sample code
Introduction
DFRobot proudly presents the I/O expansion shield for MSP430 LaunchPad.Connect your
LaunchPad with sensors,modules,servos...etc at ease. The Xbee & APC220 socket allows you to
start immediatly without additional wireless shield.The SPI & I2C interface enables direct plugging of
modules and sensors.A well designed corner cut to make room for the test button.The colorful
headers are clear to recognize and connect the digital and analog sensors.
Specification
Support MSP430 LaunchPad
Support Xbee/Bluetooth bee
Support Bluetooth/APC220
Interface:SPI,I2C
Size:66x50mm


Similar Part No. - DFR0257

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0250 DFROBOT-DFR0250 Datasheet
75Kb / 2P
AA Boost Module V2
DFR0251 DFROBOT-DFR0251 Datasheet
262Kb / 5P
16A Relay Module(SKU:DFR0251)
DFR0256 DFROBOT-DFR0256 Datasheet
223Kb / 3P
Mega Multi‐Expansion shield SKU:DFR0256
DFR0258 DFROBOT-DFR0258 Datasheet
157Kb / 3P
RS232 Shield For Arduino
DFR0259 DFROBOT-DFR0259 Datasheet
224Kb / 6P
Arduino RS485 Shield SKU: DFR0259
More results

Similar Description - DFR0257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA7408EVM TI1-TCA7408EVM Datasheet
554Kb / 14P
Works with MSP430 Launchpad
LAUNCHXL-CC1312R1 TI1-LAUNCHXL-CC1312R1 Datasheet
641Kb / 3P
TI LaunchPad??kit
LAUNCHXL-CC2640R2 TI1-LAUNCHXL-CC2640R2 Datasheet
405Kb / 3P
TI LaunchPad??kit
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
LPSTK-CC1352R TI1-LPSTK-CC1352R Datasheet
423Kb / 3P
TI LaunchPad??SensorTag kit
MSP-EXP430G2ET TI-MSP-EXP430G2ET Datasheet
3Mb / 33P
MSP430G2553 LaunchPad??Development Kit
June 2018?밨evised March 2
logo
STMicroelectronics
X-NUCLEO-IOD02A1 STMICROELECTRONICS-X-NUCLEO-IOD02A1 Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
logo
Pepperl+Fuchs Inc.
LB8109H0908 PF-LB8109H0908 Datasheet
583Kb / 4P
Unicom Com Unit for PROFIBUS DP/DP-V1
2020-05-06
logo
Texas Instruments
MSP430FR5994 TI-MSP430FR5994_V01 Datasheet
3Mb / 41P
MSP430FR5994 LaunchPad™ Development Kit
Revised September 2019
logo
Coolgear Inc.
CG-PCIEC-DVICEB COOLGEAR-CG-PCIEC-DVICEB Datasheet
523Kb / 2P
3FT DVI Like Expansion Cable for Expansion Box
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com