Electronic Components Datasheet Search
  English  ▼

X  

DFR0258 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0258
Description  RS232 Shield For Arduino
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0258 Datasheet(HTML) 3 Page - DFROBOT

  DFR0258 Datasheet HTML 1Page - DFROBOT DFR0258 Datasheet HTML 2Page - DFROBOT DFR0258 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
and a DCE (data circuit‐terminating equipment or data communication equipment), such as a modem. 
The RS‐232 standard is commonly used in computer serial ports. The standard defines the electrical 
characteristics and timing of signals, the meaning of signals, and the physical size and pinout of 
connectors. The current version of the standard is TIA‐232‐F Interface Between Data Terminal 
Equipment and Data Circuit‐Terminating Equipment Employing Serial Binary Data Interchange, issued in 
1997." From Wikipedia 
   
Compability 
Arduino UNO  
Arduino UNO R3 
Arduino Mega 1280/2560 
 
SPECIFICATION
Voltage: +5V 
16 digital IO port (including a I2C interface) 
6 analog IO port and power 
Operation and programming mode switch 
Transceiver indicating LED 
DB9 connectors (female), RS232 pins 
Weldable area 
Reset switch 
Module size: 55mmx53mm (2.16"x2.08") 
SHIPPING LIST
RS232 shield x1 
 
 
 
 
Powered By DFRobot © 2008-2017
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com