Electronic Components Datasheet Search
  English  ▼

X  

DFR0259 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0259
Description  Arduino RS485 Shield SKU: DFR0259
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0259 Datasheet(HTML) 1 Page - DFROBOT

  DFR0259 Datasheet HTML 1Page - DFROBOT DFR0259 Datasheet HTML 2Page - DFROBOT DFR0259 Datasheet HTML 3Page - DFROBOT DFR0259 Datasheet HTML 4Page - DFROBOT DFR0259 Datasheet HTML 5Page - DFROBOT DFR0259 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
Arduino RS485 Shield SKU: DFR0259
Contents
1 Introduction
2 Specification
3 Pin Definition
4 Simple Application
4.1 Use Setups
4.2 Sample Code
Introduction
This is a RS485 shield,especially designed for the Arduino controller board. It can easily convert the
UART to the RS485. This shield integrates a standard RS485 port ,a mini RS485 port(PH2.0
interface), RS485 headers, and provides the welding areas, so it's convenient for your DIY
design.One key changes automatic and manual transmission mode, which expand the scope of
application.
Specification
Power module: +5.0V
Module size: 55mmx53mm
16 digital IO port (including a I2C interface)


Similar Part No. - DFR0259

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0250 DFROBOT-DFR0250 Datasheet
75Kb / 2P
AA Boost Module V2
DFR0251 DFROBOT-DFR0251 Datasheet
262Kb / 5P
16A Relay Module(SKU:DFR0251)
DFR0256 DFROBOT-DFR0256 Datasheet
223Kb / 3P
Mega Multi‐Expansion shield SKU:DFR0256
DFR0257 DFROBOT-DFR0257 Datasheet
246Kb / 4P
IO Expansion Shield for Launchpad V1 SKU:DFR0257
DFR0258 DFROBOT-DFR0258 Datasheet
157Kb / 3P
RS232 Shield For Arduino
More results

Similar Description - DFR0259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com