Electronic Components Datasheet Search
  English  ▼

X  

DFR0329 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0329
Description  Bluno M3 SKU:DFR0329
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0329 Datasheet(HTML) 3 Page - DFROBOT

  DFR0329 Datasheet HTML 1Page - DFROBOT DFR0329 Datasheet HTML 2Page - DFROBOT DFR0329 Datasheet HTML 3Page - DFROBOT DFR0329 Datasheet HTML 4Page - DFROBOT DFR0329 Datasheet HTML 5Page - DFROBOT DFR0329 Datasheet HTML 6Page - DFROBOT DFR0329 Datasheet HTML 7Page - DFROBOT DFR0329 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M3 Hardware UART1 connects to RX1/TX1 and Bluetooth communications port
SCL/SDA is a default internal IIC interface, compatible with Arduino IIC use-pattern
"~": PWM: pins with this mark can output a PWM signal (refer to PWM chapter for more
information)
"Ax": Analog input pins (note: some analog pins and digital pins are using the same GPIO)
"SWD": STM32 debug port
For pin definitions and functions refer to the MORE section: Bluno M3 Reference manual ——
GPIO
https://www.dfrobot.com/wiki/index.php/Bluno_M3_Reference_Manual#GPIO
Bluno M3 Features
Differences between Bluno M3 and Arduino
1. Overview
The Bluno M3 is different to previous Bluno boards as it is based on a 32bit ARM Cortex-M3
core architecture. A regular Arduino is based on an 8bit AVR core. Due to these differences,
machine commands are also different. Arduino IDE uses avr-gcc, whilst Bluno M3 uses arm-
none-eabi-gcc.
2. Hardware Ports
ADC: Pins marked with "Ax" (e.g. A0, A6, A10) can be used as Analog input ports
Uart: 5 Serial Ports in all (Serial1/Serial2/Serial3/Serial4/Serial5). Bluetooth and RX1/TX1 use
Serial1
SWD: STM32 debug port, you can use debug hardware based on STM32 on these pins
GPIO: All pins can be used as digital I/O, including analog pins
3. Language and Library Software Differences
ADC: Bluno M3 provides two kinds of ADC mode: one is compatible with Arduino, the other is
Bluno M3's unique way: adcMode() and adcRead(), which makes it more powerful. Refer to
Bluno M3 Bluno M3 Reference manual —— ADC ADC Application.
PWM: Bluno M3 provides two kinds of PWM mode, one is compatible with Arduino, the other is
Bluno M3's unique way: pwmMode() and pwmWrite(),which makes it more powerful. Please
refer to Bluno M3 Bluno M3 Reference manual —— PWM PWM Application.
UART: There are 5 UARTs on the board. UART1 is corresponds to the Board RX1 and TX1, and
it is also connected with the Bluetooth communicating port.
4. Bluno M3 Reference
This section introduces basic information, methods of application, function interfaces and uses.
e.g. GPIO, PWM, UART, SPI, I2C, etc. For the further information, please check
Bluno M3
Reference Manual
https://www.dfrobot.com/wiki/index.php/Bluno_M3_Reference_Manual



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com