Electronic Components Datasheet Search
  English  ▼

X  

DFR0332 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0332
Description  Fan Module DFR0332
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0332 Datasheet(HTML) 1 Page - DFROBOT

  DFR0332 Datasheet HTML 1Page - DFROBOT DFR0332 Datasheet HTML 2Page - DFROBOT DFR0332 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Fan Module DFR0332
 
 
Contents
1 Introduction
2 Specification
3 Connection Diagram
4 Sample Code
Introduction
This is a Fan module. You could make some interesting project with this module.
Specification
Working Voltage:3~6V
Working Temperature:-20~85
Speed (no load):15000 rpm
Speed (6V):8000 rpm
Current (6V):40mA
Stall current (6V):360mA
Torque (6V):0.111kg/cm
Size: 36*27*13 mm
Weight: 22g


Similar Part No. - DFR0332

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0331 DFROBOT-DFR0331 Datasheet
1Mb / 24P
Romeo for Edison Controller SKU: DFR0331
1-20-2017
DFR0334 DFROBOT-DFR0334 Datasheet
404Kb / 7P
GPIO Shield for Arduino V1.0 SKU: DFR0334
DFR0339 DFROBOT-DFR0339 Datasheet
174Kb / 4P
Bluno Beetle SKU:DFR0339
More results

Similar Description - DFR0332

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2800-SCS-8 ETC2-2800-SCS-8 Datasheet
64Kb / 1P
Fan Control Annunciator Module
logo
ORION FANS
OD1232-12HB-03 ORIONFANS-OD1232-12HB-03 Datasheet
767Kb / 1P
FAN
OD5210-05H ORIONFANS-OD5210-05H Datasheet
117Kb / 1P
FAN
OD6015-05HB ORIONFANS-OD6015-05HB Datasheet
216Kb / 1P
FAN
logo
Advanced Thermal Soluti...
FCM-100 ATS-FCM-100 Datasheet
542Kb / 1P
FAN CHARACTERIZATION MODULE
R3_0215
logo
Infineon Technologies A...
IRDM983 INFINEON-IRDM983 Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
logo
Green Power Solutions s...
GFDM12D0 GPSEMI-GFDM12D0 Datasheet
551Kb / 2P
FAN DETECTION MODULE
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
COOLING FAN CONTROL MODULE
logo
Rohm
BP35C5 ROHM-BP35C5 Datasheet
2Mb / 42P
Wireless communication module for Wi-SUN FAN
logo
PHOENIX CONTACT
2404085 PHOENIX-2404085 Datasheet
190Kb / 5P
Fan - RFC FAN MODULE
Dec 8, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com