Electronic Components Datasheet Search
  English  ▼

X  

DFR0339 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0339
Description  Bluno Beetle SKU:DFR0339
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0339 Datasheet(HTML) 3 Page - DFROBOT

  DFR0339 Datasheet HTML 1Page - DFROBOT DFR0339 Datasheet HTML 2Page - DFROBOT DFR0339 Datasheet HTML 3Page - DFROBOT DFR0339 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pin Mapping
Silkscreen
Digital Pin
PWM Channel
Analog Channel
UART
I2C
RX
0
Serial1
TX
1
SDA
A4
SDA
SCL
A5
SCL
D2
2
D3
3
3
D4
4
D5
5
5
A0
A0
A0
A1
A1
A1
A2
A2
A2
A3
A3
A3
Power interface description:
Silkscreen
Description
VIN
external power supply<8V
5V
5V positive supply
GND
GND
Power Supply
USB cable or external power supply: 5V
External power supply <8V
Bluno Beetle Basic Demo
In this section, you can use the BLUNO Beetle to connect with the Android phone or iPhone .The
Step by Step tutorial of the BLUNO Beetle is almost the same with the Bluno.
Wireless Programming via BLE
In this section, we will learn how to Upload the sketch on air via BLE. It is really amazing that you
can do uploading process without a line.The Step by Step tutorial of
the Bluno Beetle is almost the same with the Bluno.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com