Electronic Components Datasheet Search
  English  ▼

X  

PRM0 Datasheet(PDF) 2 Page - Multicomp Pro

Part # PRM0
Description  Through Hole Cement Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PRM0 Datasheet(HTML) 2 Page - Multicomp Pro

  PRM0 Datasheet HTML 1Page - Multicomp Pro PRM0 Datasheet HTML 2Page - Multicomp Pro PRM0 Datasheet HTML 3Page - Multicomp Pro PRM0 Datasheet HTML 4Page - Multicomp Pro PRM0 Datasheet HTML 5Page - Multicomp Pro PRM0 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page <2>
V1.0
10/07/25
Through Hole Cement Resistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Construction
No.
Name
Material
Material Generic Name
1
Body
Rod Type Ceramics
Al2O3, SiO2
2
End Cap
Tin plated iron surface
Tin : 5%, Iron : 95%
3
Lead
Annealed copper wire
Tin-Plated Copper wire
4
Ceramic Case
Ceramic
Al2O3, SiO2
5
Resistance wire
Cu-Ni Alloy / Ni-Cr Alloy Metal Oxide Film
Cu-Ni Alloy / Ni-Cr Alloy Metal Oxide Film
6
Resistance Film
Quartz mixed sand
SiO2
Derating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com