Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 1 Page - Multicomp Pro

Part # RG59
Description  RG59 Coaxial Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RG59 Datasheet(HTML) 1 Page - Multicomp Pro

  RG59 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
07/04/20
RG59 Coaxial Cable
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Length
Part Number
Coaxial Cable, RG59, PVC, Black
Per Meter or 100 Meter
RG59
Construction
Item
Material
Diameter
(Inch)
(mm)
Inner Conductor
Copper Covered Steel - CCS
0.023 ±0.001
0.58 ±0.03
Dielectric
Solid PE
0.146 ±0.004
3.7 ±0.1
Shield
80% Copper Braid
0.185 ±0.004
4.7 ±0.1
Jacket
PVC-black
0.242 ±0.004
6.15 ±0.1
Electrical Characteristics
Impedance
: 75Ω ±3Ω
Capacitance
: 67pF/m
Velocity of Propagation
: 66%
Max. Operating Frequency : 1GHz
Max. Operating Voltage
: 1700 rms
Corona Extinction Voltage
: 2300Vrms
Voltage Withstand
: 7000Vrms
Spark Test
: 5000Vrms
Operating Temp. Range
: -40°C to +85°C
Attenuation (@20°C)
Frequency
(MHz)
Max. Attenuation
(dB/100ft)
Max. Attenuation
(dB/100m)
10
1.1
3.6
50
2.6
8.5
100
3.4
11.1
200
5.2
16.9
400
7.2
23.5
600
9.2
30.2
860
10.9
35.6
1000
12
39.5


Similar Part No. - RG59

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG59 ETC-RG59 Datasheet
6Mb / 116P
Paladin Tools
logo
Pasternack Enterprises,...
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
logo
Structured Cable Produc...
RG59-U-S-DB STRUCTURED-CABLE-RG59-U-S-DB Datasheet
579Kb / 1P
RG59/U SIAMESE DIRECT BURIAL 20 AWG BC
07/23/2019
RG59-U95-BK STRUCTURED-CABLE-RG59-U95-BK Datasheet
228Kb / 1P
RG59/U COAX CCTV 20 AWG BC
6/27/2019
RG59-U95-BK-500 STRUCTURED-CABLE-RG59-U95-BK-500 Datasheet
253Kb / 1P
RG59/U COAX CCTV 20 AWG BC, 95% BC BRAID-500 FT RIB- BLACK
6/27/2019
More results

Similar Description - RG59

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C57701801 GENERAL-C57701801 Datasheet
83Kb / 4P
C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
logo
Pasternack Enterprises,...
PE-B159-BK PASTERNACK-PE-B159-BK Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-BL PASTERNACK-PE-B159-BL Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-GR PASTERNACK-PE-B159-GR Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-RD PASTERNACK-PE-B159-RD Datasheet
104Kb / 1P
MIN-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-WH PASTERNACK-PE-B159-WH Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-YW PASTERNACK-PE-B159-YW Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com