Electronic Components Datasheet Search
  English  ▼

X  

AP33 Datasheet(PDF) 4 Page - Juniper Networks, Inc.

Part # AP33
Description  AP33 ACCESS POINT DATASHEET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP33 Datasheet(HTML) 4 Page - Juniper Networks, Inc.

  AP33 Datasheet HTML 1Page - Juniper Networks, Inc. AP33 Datasheet HTML 2Page - Juniper Networks, Inc. AP33 Datasheet HTML 3Page - Juniper Networks, Inc. AP33 Datasheet HTML 4Page - Juniper Networks, Inc. AP33 Datasheet HTML 5Page - Juniper Networks, Inc. AP33 Datasheet HTML 6Page - Juniper Networks, Inc. AP33 Datasheet HTML 7Page - Juniper Networks, Inc. AP33 Datasheet HTML 8Page - Juniper Networks, Inc. AP33 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Effortless, Cloud-Based Setup and Updates
The AP33 automatically connects to the Juniper Mist cloud,
downloads its configuration, and joins the appropriate network.
Firmware updates are retrieved and installed automatically,
ensuring that the network is always up to date with new features,
bug fixes, and security updates.
Premium Analytics
Juniper Mist Wi-Fi Assurance, User Engagement and Asset Tracking
services include a base analytics capability for analyzing up to 30
days of data, which enables you to simplify the process of
extracting network insights across your enterprise. If you require
dynamic insights like motion paths* and other third-party* data and
would like the option of customized reports, the Juniper Mist
Premium Analytics service is available as an additional subscription.
High-Accuracy Indoor Location
The AP33 has a 16-element vBLE antenna array controlled from
the Juniper Mist cloud. Passive antennas enhance the power of a
single transmitter and produce directional beams (or can be
combined to act as an omnidirectional radio) to accurately detect
distance and location with one- to three-meter accuracy. With
Juniper’s patented vBLE technology, you can deploy an unlimited
number of virtual beacons in your physical environment with no
battery-powered BLE beacons required. With support for Bluetooth
5.0, the access point boosts IoT device signal range and battery life.
Patented vBLE Technology
In addition to the industry-leading Wi-Fi technology at the heart of
the AP33 access point, our second-generation, patented, and
dynamic, 16-element vBLE antenna array combines with machine
learning to eliminate the need for battery-powered beacons. This
maximizes scalability and optimizes your deployment investment in
location-based services.
vBLE enables businesses to provide rich location-based experiences
that are engaging, accurate, real-time, and scalable.
AP33 Access Point Datasheet
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com