| Electronic Components Datasheet Search |
|
AP43 Datasheet(PDF) 4 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
AP43 Datasheet(HTML) 4 Page - Juniper Networks, Inc. |
|
4 / 6 page ![]() Marvis Virtual Network Assistant Marvis is a natural language processing (NLP)-based assistant with a conversational interface that helps the understanding of user intent and goals, simplifies troubleshooting, and collects network insights. It uses AI and data science to proactively identify issues, determine the root causes and scope of impact, and gain insights into your network and user experiences. It eliminates the need to manually hunt through endless dashboards and CLI commands. Effortless, Cloud-Based Setup and Updates The AP43 automatically connects to the Juniper Mist cloud, downloads its configuration, and joins the appropriate network. Firmware updates are retrieved and installed automatically, ensuring that the network is always up to date with new features, bug fixes, and security updates. Integrated IoT Sensors and Interface Port Juniper has integrated pressure, temperature and humidity sensors into the access point to enable new applications and increase environmental context. This can be leveraged to get better visibility into your deployments and further improve location context. Juniper also continues its industry innovation with its unique IoT port that has analog and digital interfaces to directly connect IoT devices that lack network interfaces and thus allow customers to leverage our complete APIs to interact and integrate these things into their business applications and workflows. Premium Analytics Juniper Mist Wireless Assurance, User Engagement, and Asset Visibility services include a base analytics capability for analyzing up to 30 days of data, which enables you to simplify the process of extracting network insights across your enterprise. If you require dynamic insights like motion paths1 and other third-party1 data and would like the option of customized reports, the Juniper Mist Premium Analytics service is available as an additional subscription. High-Accuracy Indoor Location The AP43 has a 16-element vBLE antenna array controlled from the Juniper Mist cloud. Passive antennas enhance the power of a single transmitter and produce directional beams (or can be combined to act as an omnidirectional radio) to accurately detect distance and location with 1-3 meter accuracy. With Juniper’s patented vBLE technology, you can deploy an unlimited number of virtual beacons in your physical environment with no need to install battery-powered physical BLE beacons. Support for Bluetooth 5.0 boosts IoT device range and battery life. Effortless, Cloud-Based Setup and Updates The AP43 automatically connects to the Juniper Mist cloud, downloads its configuration, and joins the appropriate network. Firmware updates are retrieved and installed automatically, ensuring that the network is always up to date with new features, bug fixes, and security updates. AP43 Access Point Datasheet 4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |