Electronic Components Datasheet Search
  English  ▼

X  

BUZ80FI Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUZ80FI
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUZ80FI Datasheet(HTML) 2 Page - STMicroelectronics

  BUZ80FI Datasheet HTML 1Page - STMicroelectronics BUZ80FI Datasheet HTML 2Page - STMicroelectronics BUZ80FI Datasheet HTML 3Page - STMicroelectronics BUZ80FI Datasheet HTML 4Page - STMicroelectronics BUZ80FI Datasheet HTML 5Page - STMicroelectronics BUZ80FI Datasheet HTML 6Page - STMicroelectronics BUZ80FI Datasheet HTML 7Page - STMicroelectronics BUZ80FI Datasheet HTML 8Page - STMicroelectronics BUZ80FI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THERMAL DATA
TO-220
ISOWATT220
Rthj-case
Thermal Resist ance Junct ion-case
Max
1.25
3. 12
oC/W
Rthj-amb
Rthc- sink
Tl
Thermal Resist ance Junct ion-ambient
Max
Thermal Resist ance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Uni t
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max,
δ <1%)
3.4
A
EAS
Single Pulse Avalanche Energy
(st arting Tj =25
oC, ID =IAR,VDD =50 V)
180
mJ
EAR
Repet itive Avalanche Energy
(pulse width limited by Tj max,
δ <1%)
4.8
mJ
IAR
Avalanche Current, Repetitive or Not-Repetitive
(T c = 100
oC, pulse width limited by Tj max,
δ <1%)
2.1
A
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS = 0
800
V
IDS S
Zero Gate Volt age
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating x 0.8
Tc =125
oC
25
250
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage VDS =VGS
ID =1 mA
2
3
4
V
RDS(on)
St atic Drain-source On
Resist ance
VGS =10 V
I D = 1.7 A
3.3
4
Ω
ID(on)
On St ate Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
3.4
A
DYNAMIC
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on)max
ID =1.7 A
1
3.5
S
Ciss
Coss
Crss
I nput Capacitance
Output Capacit ance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS =0
650
82
28
850
105
40
pF
pF
pF
BUZ80/FI
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com