Electronic Components Datasheet Search
  English  ▼

X  

DFR0348 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0348
Description  3.5" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0348
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0348 Datasheet(HTML) 5 Page - DFROBOT

  DFR0348 Datasheet HTML 1Page - DFROBOT DFR0348 Datasheet HTML 2Page - DFROBOT DFR0348 Datasheet HTML 3Page - DFROBOT DFR0348 Datasheet HTML 4Page - DFROBOT DFR0348 Datasheet HTML 5Page - DFROBOT DFR0348 Datasheet HTML 6Page - DFROBOT DFR0348 Datasheet HTML 7Page - DFROBOT DFR0348 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
delay(1000);
tft.fillCircle(x+120, y-20, 20, RED );//Draw fill Circle
delay(1000);
}
Touch screen Smaple code
#include <SPI.h>
#include <DmTftSsd2119.h>
#include <DmTouch.h>
#include <utility/DmTouchCalibration.h>
DmTftSsd2119 tft = DmTftSsd2119();
DmTouch dmTouch = DmTouch(DmTouch::DM_TFT35_107);
DmTouchCalibration calibration = DmTouchCalibration(&tft, &dmTouch);
bool calibrated = false;
void setup() {
dmTouch.setCalibrationMatrix(calibration.getDefaultCalibrationData((int)DmTo
uch::DM_TFT35_107));
tft.init();



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com