| Electronic Components Datasheet Search |
|
641237 Datasheet(PDF) 28 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Datasheet(HTML) 28 Page - TE Connectivity Ltd |
|
28 / 84 page ![]() 28 Material and Finish Housing — 2–12 Position — UL94V-0 rated, nylon, black 13–18 Position — UL94V-0 rated, LCP, black Posts — Copper alloy, tin plated, .000030 [0.00076] or .000015 [0.00038] gold over nickel Notes: 1. Post(s) can be omitted for keying purposes. Specify the desired post(s) to be omitted using the figure to identify Post No. 1. 2. Gold headers are duplex plated, gold on mating end of post and tin on the solder tail. 3. To determine header overall length (dim. A) multiply .100 x the number of posts. Example: .100 x 10 posts equals 1.000 inch [25.4 mm]. For mateability options, see matrix on pages 12 and 13. For mating half visuals, see pages 14, 15 and 31. Header Ordering Information The “Base Part Numbers” Chart at right shows the base part number. Prefixes and suffixes are deter- mined by the number of post positions in the header. For example, the complete part number for a 10-position header with straight posts would be: Base number 647050 plus prefix-and-suffix 4- — -0 The correct ordering number is 4-647050-0 All part numbers are the RoHS equivalent version. Example: No. of Standard Lead Free Pos. Prefix/Suffix RoHS Prefix/Suffix 2 647050-2 3-647050-2 thru 12 1-647050-2 4-647050-2 13 1-647050-3 NA thru 18 1-647050-8 NA See page 15 for an explanation of RoHS lead free equivalents. Note: All RoHS equivalent part num- bers may not be available upon cat- alog release. If the number you need is not available, please contact Product Engineering to expedite your request. Straight Post (.025 [0.64] Square) Right-Angle Post (.025 [0.64] Square) Base Part Numbers Straight Posts Straight Posts (Tube Loaded) Right-Angle Posts Header RoHS Header RoHS Header RoHS Part Nos. Equiv. Part Nos. Equiv. Part Nos. Equiv. Standard UL94V-0, Tin Plated 647050 32-42 647295 32-42 647051 32-42 Standard UL94V-0, .000030 [0.00076] Gold Plated 647116 32-42 647297 32-42 647117 32-42 Standard UL94V-0, .000015 [0.00038] Gold Plated 647078 32-42 647296 32-42 647079 32-42 Recommended Mounting Hole Pattern for .062 [1.57] Thick PC Board .300 [7.62] .150 [3.81] .100 [2.54] Typ. .040 [1.02] Pre-Tinned Plated Thru Hole Typ. .060 [1.52] Pre-Tinned Land Both Sides Typ. .008 [0.20] Min. Thk. Solder Paste In Area Shown .065 [1.65] .0325 [0.826] Post No. 1 .250 [6.35] .113 [2.87] A .025 [0.64] Sq. .050 [1.27] .100 [2.54] .130 [3.30] .550 [13.97] .347 [8.81] .290 [7.37] .040 [1.02] Max. .125 [3.18] Post No. 1 .250 [6.35] .113 [2.87] A .025 [0.64] Sq. .050 [1.27] .100 [2.54] .347 [8.81] .290 [7.37] .112 [2.84] .040 [1.02] Max. .125 [3.18] Post No. 1 For use with Infrared Reflow Process Maximum Temperature Rating: 2–12 Position: 280°C 13–18 Position: 235°C Note: Consult Product Drawing for details on placing headers onto PC boards. Note: Select load headers (omitted pin headers) are available upon request. Please contact product engineer or product manager for details. MTA-100 Friction Lock High Temperature Headers—Straight and Right-Angle MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |