Electronic Components Datasheet Search
  English  ▼

X  

641200 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 641200
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641200 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 641200 Datasheet HTML 8Page - TE Connectivity Ltd 641200 Datasheet HTML 9Page - TE Connectivity Ltd 641200 Datasheet HTML 10Page - TE Connectivity Ltd 641200 Datasheet HTML 11Page - TE Connectivity Ltd 641200 Datasheet HTML 12Page - TE Connectivity Ltd 641200 Datasheet HTML 13Page - TE Connectivity Ltd 641200 Datasheet HTML 14Page - TE Connectivity Ltd 641200 Datasheet HTML 15Page - TE Connectivity Ltd 641200 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
PAGE 12
MTA, CST-100 II and SL-156 Connectors
MTA-100 Connector/Connector Mateability Guide (continued)
This matrix has been prepared to assist you, our customer, in defining the correct mating halves for the MTA-100 posted connector
and connector combination. Where a “Y” is indicated the combination is a valid mating pair. Where an “N” is indicated the combina-
tion is not acceptable for mating.
Matrix for
.000030
[0.00076]
Gold Plated
Part Numbers
Matrix for
.000015
[0.00038]
Gold Plated
Part Numbers
641237 YYYYYYYY
641238 YYYYYYYY
641239 YYYYYYYY
641240 YYYYYYYY
641241
YYYYYYYY
641242 YYYYYYYY
641243 YYYYYYYY
641244 YYYYYYYY
644020
644042
644043 Y* Y* Y* Y* Y* Y* Y* Y*
Y* Y* Y* Y* Y* Y* Y* Y*
Y* Y* Y* Y* Y* Y* Y* Y*
644044 Y* Y* Y* Y* Y* Y* Y* Y*
644702 Y* Y* Y* Y* Y* Y* Y* Y*
644726 Y* Y* Y* Y* Y* Y* Y* Y*
1375820 NNNNNNNN
Posted Connectors
*2 & 3 position MTA-100 Posted Connectors can not mate with MTA-100
connectors with polarizing tabs.
641190
YYYYYYYY
641191
YYYYYYYY
641192
YYYYYYYY
641193
YYYYYYYY
641198
YYYYYYYY
641199
YYYYYYYY
641200 YYYYYYYY
641201
YYYYYYYY
1744020 YYYYYYYY
644038 Y* Y* Y* Y* Y* Y* Y* Y*
644040 Y* Y* Y* Y* Y* Y* Y* Y*
647477 Y* Y* Y* Y* Y* Y* Y* Y*
644726 Y* Y* Y* Y* Y* Y* Y* Y*
647480 Y* Y* Y* Y* Y* Y* Y* Y*
1375820 NNNNNNNN
Posted Connectors
*2 & 3 position MTA-100 Posted Connectors can not mate with MTA-100
connectors with polarizing tabs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com