Electronic Components Datasheet Search
  English  ▼

X  

DFR0507 Datasheet(PDF) 14 Page - DFROBOT

Part # DFR0507
Description  FireBeetle Covers OLED12864 Display SKU: DFR0507
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0507 Datasheet(HTML) 14 Page - DFROBOT

Back Button DFR0507 Datasheet HTML 10Page - DFROBOT DFR0507 Datasheet HTML 11Page - DFROBOT DFR0507 Datasheet HTML 12Page - DFROBOT DFR0507 Datasheet HTML 13Page - DFROBOT DFR0507 Datasheet HTML 14Page - DFROBOT DFR0507 Datasheet HTML 15Page - DFROBOT DFR0507 Datasheet HTML 16Page - DFROBOT DFR0507 Datasheet HTML 17Page - DFROBOT DFR0507 Datasheet HTML 18Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
int clockRadius = 23;
// utility function for digital clock display: prints leading 0
String twoDigits(int digits)
{
if(digits < 10) {
String i = '0'+String(digits);
return i;
}
else {
return String(digits);
}
}
void clockOverlay(OLEDDisplay *display, OLEDDisplayUiState* state)
{
}
void analogClockFrame(OLEDDisplay *display, OLEDDisplayUiState* state, int16_
t x, int16_t y)
{
//
ui.disableIndicator();
// Draw the clock face
//
display->drawCircle(clockCenterX + x, clockCenterY + y, clockRadiu
s);
display->drawCircle(clockCenterX + x, clockCenterY + y, 2);
//
//hour ticks
for( int z=0; z < 360;z= z + 30 ){
//Begin at 0° and stop at 360°
float angle = z ;
angle = ( angle / 57.29577951 ) ; //Convert degrees to radians
int x2 = ( clockCenterX + ( sin(angle) * clockRadius ) );



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com